Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • OST08WG01GD-R5RUT8C1A

  • AI
    The **OST08WG01GD-R5RUT8C1A** is a specialized high-performance optoelectronic component, specifically an **Optical Transceiver Module**. These parts are primarily used in high-speed networking and telecommunications to convert electrical signals into optical signals (and vice versa) for data transmission over fiber optic cables. Below is a breakdown of its technical characteristics and internal electronic structure. --- ### 1. Technical Specifications The following table summarizes the typical performance profile for this class of module: | Feature | Description | | :--- | :--- | | **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | Typically 10Gbps (Gigabit per second) | | **Wavelength** | 850nm (Multimode) or 1310nm (Singlemode) depending on sub-variant | | **Connector Type** | LC Duplex | | **Voltage Supply** | 3.3V (Standard) | | **Transmission Media** | Fiber Optic Cable | --- ### 2. Internal Electronic Parts & Architecture The module functions as a "bridge" between the copper-based PCB and the fiber network. Its internal electronics consist of three main sub-assemblies: #### A. Transmitter Section (Electrical to Optical) * **Laser Driver:** An integrated circuit (IC) that modulates the electrical input data into current pulses. * **Light Source:** Usually a **VCSEL** (Vertical-Cavity Surface-Emitting Laser) for short-range or a **DFB Laser** for long-range. It converts the driver's current into light pulses. #### B. Receiver Section (Optical to Electrical) * **Photodetector:** Typically a **PIN Photodiode** or APD that senses incoming light and converts it into a tiny electrical current. * **TIA (Transimpedance Amplifier):** Converts the weak current from the photodiode into a usable voltage signal. * **Limiting Amplifier:** Reshapes the signal to ensure it meets the logic level requirements of the host equipment. #### C. Control & Monitoring (DDM/DOM) * **EEPROM:** Stores the module's identification, serial number, and vendor information. * **Microcontroller:** Manages the **Digital Diagnostic Monitoring (DDM)**, which tracks real-time parameters like temperature, laser bias current, and optical power levels. --- ### 3. Application Use Cases 1. **Data Centers:** Connecting top-of-rack switches to core routers. 2. **Enterprise Networking:** High-speed uplinks for campus backbone infrastructure. 3. **Storage Area Networks (SAN):** High-speed data transfer between servers and storage arrays (Fibre Channel). --- ### 4. Interface Pinout Example (SFP+ Standard) ```c // Typical SFP+ Pin Assignment logic Pin 1 -> VeeT (Transmitter Ground) Pin 2 -> TX_Fault (Transmitter Fault Indication) Pin 3 -> TX_Disable (Optical Output Disable) Pin 4 -> SDA (2-wire Serial Interface Data) Pin 5 -> SCL (2-wire Serial Interface Clock) Pin 12 -> RD- (Inv. Received Data Out) Pin 13 -> RD+ (Received Data Out) Pin 18 -> TD+ (Transmit Data In) Pin 19 -> TD- (Inv. Transmit Data In) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for this specific module?
    • ⤷ Is this module compatible with Cisco or Juniper networking equipment?
    • ⤷ Does this part support Digital Diagnostic Monitoring (DDM)?