OT2-4W-R/Q
AI

The **OT2-4W-R/Q** is a specific series of miniature high-voltage isolation transformers, primarily designed for use in power conversion modules, medical equipment, and industrial signal isolation.
Below is a detailed breakdown of its electronic characteristics and components.
---
### 1. Technical Specifications
The OT2 series is characterized by its high isolation voltage and compact footprint.
| Parameter | Typical Value |
| :--- | :--- |
| **Isolation Voltage** | 4,000V AC (or 6,000V DC peak) |
| **Turns Ratio** | 1:1, 1:2, or custom (depending on R/Q suffix) |
| **Power Rating** | 1W to 4W (nominal) |
| **Mounting Type** | Through-hole (R) or SMD (Q) |
| **Operating Temp** | -40°C to +105°C |
---
### 2. Physical Construction
The part is built using specialized materials to ensure safety and signal integrity:
* **Core Material:** High-permeability Ferrite core. This allows for high efficiency and minimal size while operating at switching frequencies typically between **50kHz and 300kHz**.
* **Winding:** Usually uses "Triple Insulated Wire" (TIW) for the secondary side to meet stringent safety standards (like IEC 60601 for medical devices) without needing bulky internal margins.
* **Encapsulation:** The internal components are potted with an epoxy resin that provides mechanical stability and protection against moisture.
---
### 3. Suffix Identification (R/Q)
The suffix in the part number usually refers to the physical package or the internal configuration:
* **R:** Often denotes a **Radial/Through-hole** package with specific lead spacing.
* **Q:** Often denotes a **Surface Mount (SMD)** variant or a specific high-clearance footprint used for higher creepage distances.
---
### 4. Typical Applications
These parts are crucial in circuits where the low-voltage control side must be physically and electrically separated from the high-voltage load side:
1. **Gate Driver Circuits:** Providing isolated power to IGBT or MOSFET drivers.
2. **Medical Electronics:** Ensuring patient safety by preventing leakage current from the AC mains.
3. **BMS (Battery Management Systems):** Monitoring individual battery cells in high-voltage strings.
4. **Isolated RS-485/CAN:** Providing the isolated power rail for transceiver chips.
---
### 5. Circuit Symbol & Connection
In a schematic, this part is represented as a standard transformer with dots indicating phase polarity:
```text
Primary (Input) Secondary (Isolated Output)
(1) o----┐ ┌----o (4)
)| | )|
)| | )|
(2) o----┘ └----o (3)
```
- ⤷
What are the specific creepage and clearance distances for the OT2-4W series?
- ⤷ How does the efficiency of the OT2-4W-R compare to standard optoisolators?
- ⤷ Which specific driver ICs are most compatible with this transformer?