Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • OT2-D-R

  • AI
    The **OT2-D-R** refers to a high-performance, compact industrial **Optical Trigger/Sensor** primarily used in industrial automation, robotics, and synchronization systems (such as high-speed photography or motion capture). Below is a breakdown of its electronic components and specifications. --- ### 1. Key Electronic Specifications The OT2-D-R is characterized by its dual-channel capabilities and high-speed response times. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 5V - 24V DC (Standard Industrial Range) | | **Output Type** | Digital (NPN/PNP Configurable) or Relay | | **Response Time** | < 1ms (High-speed variant) | | **Connectivity** | M8 or M12 Industrial Connectors | | **Operating Temperature** | -10°C to +60°C | --- ### 2. Core Electronic Components The internal architecture of the OT2-D-R consists of several critical stages: #### A. The Optical Transceiver * **Emitter:** Usually an Infrared (IR) or Visible Red LED. It pulses light at a specific frequency to avoid interference from ambient light. * **Receiver:** A photodiode or phototransistor tuned to the specific wavelength of the emitter. #### B. Signal Processing Circuitry * **Comparator/Op-Amp:** Takes the weak analog signal from the receiver and converts it into a clean square-wave digital signal. * **Microcontroller (MCU):** Many "R" (Receiver) models include a small logic chip to handle "Delay" or "Pulse Stretch" functions, allowing the user to adjust how long the trigger stays active. #### C. Output Stage * **Isolation:** Uses **Opto-couplers** to isolate the sensitive sensing electronics from the high-voltage/high-current industrial output line. * **Protection:** Includes reverse polarity protection and overcurrent fuses to prevent damage during installation. --- ### 3. Connection Pinout (Typical) Most OT2 series devices follow a standard industrial wiring color code: ```markdown 1. Brown -> Positive (+) Supply (VCC) 2. White -> Mode Select / Secondary Output 3. Blue -> Negative (-) Ground (GND) 4. Black -> Primary Digital Output (Signal) ``` --- ### 4. Logic Behavior The **"D"** in the model often signifies **Dark-On** or **Diffuse** sensing logic, while the **"R"** usually denotes a **Retro-reflective** or **Receiver** configuration. 1. **Detection Logic:** When the light beam is interrupted (or reflected back), the internal transistor closes the circuit. 2. **Sensitivity Adjustment:** Most units feature a multi-turn potentiometer to calibrate the distance or light threshold.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output modes in this sensor?
    • ⤷ How do I wire the OT2-D-R to a PLC input?
    • ⤷ What are the common mounting requirements for the OT2 series?