AI

## Overview of OVM6946-RANA
The **OVM6946-RANA** is a high-performance, ultra-compact CameraCubeChip™ module designed primarily for medical applications, such as minimally invasive endoscopes. It integrates the image sensor, processor, and optics into a single, tiny package.
---
### Technical Specifications
The following table highlights the key electronic and optical characteristics of the OVM6946-RANA:
| Parameter | Specification |
| :--- | :--- |
| **Resolution** | 400 x 400 (160,000 pixels) |
| **Package Size** | 1.05 mm x 1.05 mm |
| **Pixel Size** | 1.75 µm x 1.75 µm |
| **Frame Rate** | 30 fps |
| **Output Format** | Analog Differential Output |
| **Power Supply** | 3.3V (Analog) |
| **Power Consumption** | ~25 mW (Active) |
| **Field of View (FOV)** | 120° |
---
### Key Electronic Components & Features
#### 1. Image Sensor Technology
The module utilizes OmniVision's **OmniBSI+™ pixel technology**. This back-side illumination (BSI) architecture allows for high sensitivity and low noise even in low-light environments (critical for internal medical imaging).
#### 2. Signal Transmission
Unlike many digital sensors, the OVM6946-RANA uses **Analog Differential Output**.
* **Purpose:** This allows the signal to travel through very long, thin cables (up to several meters) without significant degradation or electromagnetic interference (EMI).
* **Requirement:** It requires a backend bridge chip (like the OV426) to convert the analog signal back into a digital format (MIPI/DVP) for processing.
#### 3. Integrated Optics
The "RANA" suffix typically refers to a specific lens configuration within the **CameraCubeChip** family. The optics are fabricated at the wafer level, meaning the lens is bonded directly to the silicon before dicing, ensuring perfect alignment and extreme miniaturization.
#### 4. Low Power Architecture
The device is engineered to run on roughly **25 mW**. This is vital for medical probes to prevent heat generation, which could damage sensitive biological tissues during a procedure.
---
### Typical System Architecture
To use the OVM6946-RANA in an electronic design, the signal chain usually looks like this:
1. **OVM6946 Sensor:** Captures light and outputs an analog differential signal.
2. **Thin Cable:** A micro-coaxial cable bundle (usually 4-6 wires).
3. **OV426 Bridge Chip:** Receives the analog signal, performs Analog-to-Digital Conversion (ADC), and handles Auto Exposure/Gain control.
4. **Host Processor:** (e.g., FPGA or ARM SoC) receives the MIPI data for display.
- ⤷
What are the compatible bridge chips for the OVM6946 besides the OV426?
- ⤷ How does wafer-level optics (WLO) improve the manufacturing of this sensor?
- ⤷ What are the pinout requirements for the OVM6946-RANA?