Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • P-NDH-R100

  • AI
    The **P-NDH-R100** is a specialized electronic component, typically categorized as a **Negative Temperature Coefficient (NTC) Thermistor** or a specific high-precision resistive element often found in specialized industrial sensors or heating controls. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Core Component Specifications The "NDH" series generally refers to high-stability thermal resistors. Here are the typical electronic attributes for this part: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | NTC Thermistor / Precision Resistor | | **Resistance Value** | 100 $\Omega$ (indicated by "100") | | **Tolerance** | ±1% to ±5% (depending on specific grade) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Style** | Surface Mount (SMD) or Radial Lead | | **Material** | Metal Oxide Ceramic / Polymer composite | --- ### 2. Electronic Functions The P-NDH-R100 serves three primary roles within a circuit: * **Temperature Sensing:** It converts thermal energy into a measurable change in electrical resistance. As the temperature rises, the resistance decreases (NTC characteristic). * **Inrush Current Limiting:** Used to protect sensitive components by providing high initial resistance that drops as the component warms up during operation. * **Thermal Compensation:** Offset changes in resistance caused by temperature fluctuations in other components within the same circuit. --- ### 3. Circuit Integration When integrating this part into an electronic design, engineers typically use a **Voltage Divider** circuit to translate the resistance into a readable voltage for a Microcontroller (MCU). #### Example Calculation Logic To find the voltage output ($V_{out}$) based on the P-NDH-R100: ```python # Simple Python logic for NTC Voltage Divider def calculate_v_out(v_in, r_fixed, r_ntc): # V_out = V_in * (R_ntc / (R_fixed + R_ntc)) return v_in * (r_ntc / (r_fixed + r_ntc)) voltage_in = 5.0 # 5 Volts fixed_resistor = 100 # 100 Ohms current_ntc_res = 100 # Resistance at 25°C print(f"Output Voltage: {calculate_v_out(voltage_in, fixed_resistor, current_ntc_res)}V") ``` --- ### 4. Application Areas * **Battery Management Systems (BMS):** Monitoring cell temperature during charge/discharge cycles. * **Automotive Electronics:** Sensing ambient air or coolant temperatures. * **Industrial Power Supplies:** Protecting against power surges during startup.
    ✨ Follow-up Questions
    • ⤷ What is the B-constant value for the P-NDH-R100?
    • ⤷ Can this part be used for over-current protection instead of temperature sensing?
    • ⤷ What are the physical dimensions of the SMD version of this component?