Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • P1020HDB

  • AI
    The **P1020HDB** refers to a high-density, outdoor LED display module. These modules are widely used in digital billboards, stadium screens, and public information displays. Below is a detailed breakdown of the electronic components and technical specifications associated with this hardware. --- ### 1. Key Technical Specifications The "P10" designation indicates a **10mm pixel pitch** (the distance between the center of one pixel and the next). | Parameter | Specification | | :--- | :--- | | **Pixel Pitch** | 10 mm | | **LED Type** | DIP (Dual In-line Package) or SMD (Surface Mount Device) | | **Module Resolution** | Typically 32 x 16 pixels | | **Module Dimensions** | 320mm x 160mm | | **Brightness** | ≥ 5500 - 7500 cd/m² (Nits) | | **Scanning Mode** | 1/4 or 1/2 Constant Current Drive | | **IP Rating** | IP65 (Front) - Waterproof/Dustproof | --- ### 2. Core Electronic Components The P1020HDB module consists of several critical electronic layers and parts: #### A. The LED Lamps * **DIP (3-in-1 or Individual):** Older versions use individual Red, Green, and Blue oval LEDs. Modern "HDB" versions often use high-brightness SMD LEDs for better viewing angles and color mixing. * **Function:** Converts electrical energy into light. #### B. Driver ICs (Integrated Circuits) * **Types:** Common chips include MBI5124, ICN2037, or similar constant current drivers. * **Function:** These ICs receive data from the receiving card and control the PWM (Pulse Width Modulation) to determine the brightness and color of each pixel. #### C. Shift Registers & Logic Gates * **Components:** 74HC595 (Shift Register) and 74HC138 (Decoder). * **Function:** These manage the "scanning" of the rows. Since not all LEDs are on at the exact same microsecond (multiplexing), these chips rapidly switch rows to create a flicker-free image. #### D. Power Supply Unit (PSU) Interface * **Voltage:** Usually operates on **5V DC**. * **Connectors:** Features heavy-duty copper terminals or "VH4" connectors to handle high current, as a full cabinet of these modules consumes significant power. --- ### 3. Connection & Communication The electronic communication follows a specific protocol: 1. **HUB Board (Interface):** Usually uses a **HUB75** or **HUB12** interface. 2. **Data Path:** Data enters via a 16-pin flat ribbon cable. 3. **Signal Chain:** * `R1, G1, B1` (Top half color data) * `R2, G2, B2` (Bottom half color data) * `A, B, C, D` (Row address lines) * `CLK` (Clock signal) * `LAT/STB` (Latch signal) * `OE` (Output Enable - controls overall brightness) --- ### 4. Environmental Protection Because the P1020HDB is an outdoor module, the electronics are protected by: * **Conformal Coating:** A thin chemical layer on the PCB to prevent corrosion from moisture. * **Silicone Glue/Potting:** The front of the PCB is filled with waterproof glue to seal the LED pins. * **Mask:** A plastic "grid" that protects the LEDs from physical impact and improves contrast by providing shade.
    ✨ Follow-up Questions
    • ⤷ What is the difference between DIP and SMD LEDs in P10 modules?
    • ⤷ How do I calculate the power supply requirements for a P1020HDB screen?
    • ⤷ What common troubleshooting steps are used for a flickering P10 LED module?