P1595L-AB5-R
AI

The **P1595L-AB5-R** is an electronic component manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is primarily a **Linear Voltage Regulator** or an **Active Terminator** depending on the specific application circuit, often used in memory bus termination.
### 1. General Specifications
Below are the key technical parameters for the P1595L-AB5-R:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | UTC (Unisonic Technologies) |
| **Package Type** | SOT-89-5 |
| **Output Type** | Adjustable / Fixed |
| **Output Current** | Typically up to 1.5A (Peak) |
| **Halogen Free** | Yes (Indicated by 'L' in the part number) |
| **RoHS Compliant** | Yes |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps in identifying the specific physical characteristics:
* **P1595**: The base model number (Linear Regulator / DDR Bus Terminator).
* **L**: Lead-free and Halogen-free (Green product).
* **AB5**: Refers to the **SOT-89-5** package style.
* **R**: Tape and Reel packaging for automated assembly.
---
### 3. Key Electronic Features
* **Sink and Source Capability:** Unlike standard voltage regulators that only "push" current (source), this part is designed to both source and sink current. This is critical for DDR SDRAM termination where the line must be kept at $V_{TT} = 1/2 V_{DDQ}$.
* **Thermal Shutdown:** Includes internal circuitry to prevent the chip from burning out if it exceeds its temperature limit.
* **Current Limiting:** Built-in protection against short circuits or excessive load.
* **Low External Component Count:** Requires minimal capacitors to maintain stability, saving PCB space.
---
### 4. Typical Application Circuit
The device is commonly used in computer motherboards and graphics cards.
```mermaid
graph LR
Vin[Input Voltage] --> P1595[P1595L-AB5-R]
Vref[Reference Voltage] --> P1595
P1595 --> Vtt[Vtt Output]
Vtt --> Term[Memory Bus Termination]
```
---
### 5. Pin Configuration (SOT-89-5)
While you should always consult the official UTC datasheet for your specific PCB layout, the standard 5-pin configuration for this series is:
1. **VIN**: Input Power Supply.
2. **GND**: Ground (often the tab/heatsink).
3. **VCNTL**: Control Voltage.
4. **VREF**: Reference Input Voltage.
5. **VOUT**: Regulated Output ($V_{TT}$).
- ⤷
What is the maximum operating temperature for the P1595L?
- ⤷ Can this part be used for DDR3 or DDR4 memory termination?
- ⤷ What are the equivalent alternatives to the UTC P1595L?