P1885-S08-R
AI

The **P1885-S08-R** is an electronic component, specifically a **Surface Mount Device (SMD)** power inductor. These components are primarily used in power management circuits to store energy in a magnetic field.
Below is a detailed breakdown of its specifications, construction, and typical applications.
---
### 1. General Specifications
The P1885 series is known for high current handling in a compact footprint.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Package / Case** | SMT (Surface Mount Technology) |
| **Inductance Range** | Varies by suffix (The "S08" usually refers to physical size) |
| **Shielding** | Magnetically Shielded (reduces EMI) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
### 2. Physical Construction
The "S08" designation typically refers to the footprint size (often roughly 8mm x 8mm). The construction consists of:
* **Core Material:** Usually a Ferrite core which provides high permeability and low core loss.
* **Winding:** Copper wire wound around the core.
* **Shielding:** A ferrite sleeve or resin-epoxy coating that encloses the coil to prevent electromagnetic interference (EMI) from affecting nearby components.
* **Terminals:** Solder-plated pads on the bottom for PCB mounting.
### 3. Key Electrical Characteristics
When evaluating this part for a circuit, engineers look at three primary metrics:
1. **Inductance ($L$):** Measured in Microhenries ($\mu H$). It determines how much energy the part can store.
2. **DCR (DC Resistance):** The internal resistance of the copper wire. Lower DCR is better as it minimizes heat loss ($I^2R$).
3. **Isat (Saturation Current):** The current level at which the inductance drops by a specific percentage (usually 20-30%).
4. **Irms (RMS Current):** The continuous current that causes a specific temperature rise (usually 40°C) above ambient.
### 4. Typical Applications
These inductors are commonly found in:
* **DC-DC Converters:** Used in buck, boost, and SEPIC topologies.
* **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU cards.
* **Consumer Electronics:** Power supplies for laptops, LED drivers, and tablets.
* **Filtering:** Used in LC filters to smooth out ripple current in power lines.
---
### Identification Guide
| Suffix | Meaning |
| :--- | :--- |
| **P1885** | Series designation (Manufacturer specific) |
| **S08** | Size code (Physical dimensions) |
| **-R** | Lead-free / RoHS Compliant / Tape & Reel packaging |
- ⤷
What is the specific inductance value for the P1885-S08-R variant?
- ⤷ How does magnetic shielding in this inductor improve circuit performance?
- ⤷ What are the footprint dimensions for an S08 package in mm?