Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • P2202ABL

  • AI
    ### Overview of the P2202ABL The **P2202ABL** is a high-performance **SIDACtor® protection thyristor** manufactured by Littelfuse. It is specifically designed to protect sensitive telecommunications equipment from overvoltage transients caused by lightning, inductive coupling, and AC power fault conditions. --- ### 1. Key Technical Specifications The P2202ABL belongs to the **PxxxxAB series**. Below are the primary electronic characteristics: | Parameter | Value / Description | | :--- | :--- | | **Peak Off-State Voltage ($V_{DRM}$)** | 190 V | | **Switching Voltage ($V_S$)** | 260 V | | **Peak Pulse Current ($I_{PP}$)** | 100 A (at 10/1000 μs waveform) | | **Holding Current ($I_H$)** | 150 mA (minimum) | | **Capacitance** | 30 pF to 50 pF (Low capacitance) | | **Package Type** | TO-220 (Modified 3-lead) | | **Configuration** | Balanced Two-chip (Dual) | --- ### 2. Functional Characteristics The device operates as a crowbar-type protector. Here is how the electronic parts inside function: * **Crowbar Effect:** When a transient voltage exceeds the Switching Voltage ($V_S$), the device "snaps" into a low-impedance state, effectively shorting the surge to ground and protecting the downstream load. * **Self-Resetting:** Once the current through the device drops below the Holding Current ($I_H$), it automatically resets to its high-impedance off-state. * **Bidirectional Protection:** It handles transients of both positive and negative polarities, making it ideal for AC and ringing lines. * **Low Capacitance:** Because it has low internal capacitance, it does not significantly degrade high-speed data signals (like ADSL/VDSL). --- ### 3. Application Circuitry The P2202ABL is typically placed in parallel with the line it is protecting. In a standard telecommunications interface (Tip and Ring), the device is wired as follows: ```mermaid graph LR Line1[Tip] --- P[P2202ABL Pin 1] Line2[Ring] --- P2[P2202ABL Pin 3] Ground[Ground] --- P3[P2202ABL Pin 2/Center] ``` --- ### 4. Comparison with Other Protection Components | Feature | P2202ABL (SIDACtor) | GDT (Gas Discharge Tube) | TVS Diode | | :--- | :--- | :--- | :--- | | **Response Speed** | Very Fast (Nanoseconds) | Slow (Microseconds) | Fast (Picoseconds) | | **Voltage Overshoot** | Low | High | Very Low | | **Durability** | High (Multi-strike) | High | Medium | | **Capacitance** | Low | Very Low | High | --- ### 5. Common Use Cases * **T1/E1 Trunk Lines:** Protecting digital carrier systems. * **Central Office (CO) Equipment:** Protecting line cards and switches. * **Customer Premise Equipment (CPE):** Modems, routers, and phone systems. * **Data Lines:** Protecting RS-232, RS-422, and RS-485 interfaces.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'A' and 'B' surge ratings in the Pxxxx series?
    • ⤷ Can the P2202ABL be used for high-speed Ethernet protection?
    • ⤷ How does the holding current affect the device's ability to reset in a DC circuit?