Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • P2583L-S08-R

  • AI
    The **P2583L-S08-R** is a specific Power Management Integrated Circuit (PMIC), typically classified as a **synchronous step-down (buck) converter**. It is commonly manufactured by UTC (Unisonic Technologies Co., Ltd). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The P2583L is designed to efficiently convert a higher DC input voltage into a lower DC output voltage. The "S08" suffix refers to its package type (SOP-8), and the "R" indicates the packaging method (Tape & Reel). ### 2. Technical Specifications | Parameter | Description | | :--- | :--- | | **Input Voltage Range** | Typically 4.5V to 18V | | **Output Current** | Up to 3A continuous | | **Switching Frequency** | Fixed internal frequency (approx. 500kHz) | | **Package Type** | SOP-8 (Small Outline Package) | | **Efficiency** | Up to 93% depending on load | | **Protection Features** | Over-Current (OCP), Over-Temperature (OTP), UVLO | --- ### 3. Pin Configuration (SOP-8) | Pin Number | Name | Function | | :---: | :--- | :--- | | 1 | **BS** | Bootstrap pin; used to drive the high-side MOSFET gate. | | 2 | **IN** | Supply Voltage Input. | | 3 | **SW** | Switch node; connects to the external power inductor. | | 4 | **GND** | Ground. | | 5 | **FB** | Feedback input; used to set the output voltage via a resistor divider. | | 6 | **COMP** | Compensation pin; used for stabilizing the control loop. | | 7 | **EN** | Enable input; pull high to turn on, low to shut down. | | 8 | **SS** | Soft-Start pin; controls the ramp-up time of the output voltage. | --- ### 4. Key Circuit Implementation To implement this part in a design, several external components are required. The basic schematic structure follows this pattern: ```text Input (Vin) --> [Input Capacitor] --> [P2583L] --> [Inductor] --> Output (Vout) | | [Feedback Resistors] [Output Capacitor] ``` ### 5. Application Areas * **Distributed Power Systems:** Converting 12V rails to 5V or 3.3V. * **Networking Gear:** Routers, switches, and modems. * **Consumer Electronics:** LCD TVs, monitors, and set-top boxes. * **Industrial Equipment:** Power modules requiring high efficiency and small footprints. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum output voltage adjustable on the P2583L?
    • ⤷ How do I calculate the resistor values for the FB pin?
    • ⤷ What are the recommended values for the inductor and output capacitor?