P3586G-S08-R
AI

The **P3586G-S08-R** is a high-performance, synchronous step-down (buck) DC-DC converter controller manufactured by UTC (Unisonic Technologies). It is designed to drive N-channel MOSFETs to provide efficient power conversion for modern motherboards and industrial applications.
---
### ## Technical Specifications
The following table outlines the key electrical characteristics of the P3586 series:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage (VCC)** | 5V to 12V |
| **Output Voltage Range** | Adjustable (from 0.8V) |
| **Output Current** | Dependent on external MOSFETs |
| **Switching Frequency** | Fixed ~300kHz |
| **Package Type** | SOP-8 |
| **Operating Temperature** | -40°C to +85°C |
---
### ## Key Features
The P3586G-S08-R includes several integrated functions to ensure stability and safety:
1. **Synchronous Rectification:** Uses external N-channel MOSFETs for both the high-side and low-side switches, significantly reducing power loss compared to diode-based buck converters.
2. **Internal Soft-Start:** Prevents current spikes during power-up by gradually increasing the output voltage.
3. **Protection Mechanisms:**
* **OCP (Over Current Protection):** Monitors the voltage drop across the low-side MOSFET.
* **UVLO (Under Voltage Lockout):** Ensures the chip only operates when the supply voltage is stable.
4. **Feedback Precision:** Maintains high accuracy (typically within 2%) for the reference voltage.
---
### ## Pin Configuration (SOP-8)
The device is housed in an 8-pin Small Outline Package. Below is the typical pinout functional mapping:
* **BOOT:** Bootstrap pin for the high-side gate driver.
* **UGATE:** Upper gate drive output.
* **GND:** Ground.
* **LGATE:** Lower gate drive output.
* **VCC:** Supply voltage input.
* **FB:** Feedback input for voltage regulation.
* **COMP/EN:** Compensation and Enable pin.
* **PHASE:** Connection point for the inductor and high-side MOSFET source.
---
### ## Typical Application Circuit
The P3586 is commonly used to step down 12V or 5V rails to lower voltages (1.2V, 1.5V, 1.8V) for CPU cores, chipsets, or DDR memory.
```markdown
[Input 12V] --- [VCC Pin]
|
[High-Side MOSFET] --- [Inductor] --- [Output Vout]
| |
[Low-Side MOSFET] [Capacitor]
| |
[GND] [GND]
```
---
- ⤷What are the recommended N-channel MOSFETs to use with the P3586G?
- ⤷ How is the output voltage calculated using the feedback pin?
- ⤷ What is the difference between the P3586G and the P3586L versions?