AI

## Electronic Analysis of P4C1023L-55CWC
The **P4C1023L-55CWC** is a high-performance CMOS Static RAM (SRAM) manufactured by Pyramid Semiconductor (formerly Performance Semiconductor). It is designed for high-speed, low-power applications.
---
### 1. General Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | P4C1023L-55CWC |
| **Memory Type** | SRAM (Static Random Access Memory) |
| **Density** | 1 Megabit (1M) |
| **Organization** | 128K x 8 bits |
| **Access Time** | 55 ns (Nanoseconds) |
| **Process Technology** | CMOS |
| **Package Type** | Ceramic Windowed Cerdip (CWC) |
| **Temperature Range** | Commercial (0°C to +70°C) |
---
### 2. Functional Characteristics
#### Memory Organization
The chip is organized as **131,072 words by 8 bits**. Being an SRAM, it does not require a refresh cycle (unlike DRAM), which simplifies the interface logic and reduces power consumption during operation.
#### Power consumption (Low Power "L" Version)
The "L" in the part number signifies the **Low Power** variant.
* **Active Power:** Consumes power only when being addressed or accessed.
* **Standby Power:** Features a reduced power mode when the chip is deselected (Chip Enable is high), extending battery life in portable systems.
#### Speed
The **55** suffix indicates a maximum access time of **55 nanoseconds**. This makes it suitable for legacy embedded systems, microcontrollers, and buffer memory applications where high-speed synchronization is required but extreme modern speeds (DDR) are not necessary.
---
### 3. Pinout and Control Logic
The device typically operates using standard SRAM control signals:
* **A0 - A16:** Address inputs to select memory locations.
* **I/O0 - I/O7:** Data inputs/outputs for 8-bit word transfers.
* **$\overline{CE}$ (Chip Enable):** Must be LOW to activate the device.
* **$\overline{WE}$ (Write Enable):** When LOW, data on I/O pins is written to the selected address.
* **$\overline{OE}$ (Output Enable):** When LOW, the output drivers are active, allowing data to be read.
---
### 4. The "CWC" Package Advantage
The **CWC (Ceramic Windowed Cerdip)** package is particularly notable.
1. **Ceramic Construction:** Provides superior thermal dissipation and durability compared to plastic (PDIP).
2. **Windowed Feature:** While most common in EPROMs for UV erasing, in SRAMs, windowed ceramic packages were often used for high-reliability testing, prototyping, or specialized radiation-hardened applications.
---
### 5. Common Applications
* **Legacy Computing:** Replacement parts for older industrial controllers.
* **Cache Memory:** Used in high-speed buffer applications.
* **Battery-Backed Systems:** Due to its low standby current, it is ideal for systems where data must be retained using a small coin-cell battery when main power is lost.
- ⤷
What are the voltage requirements (Vcc) for the P4C1023L series?
- ⤷ How does the 'L' version standby current compare to the standard P4C1023?
- ⤷ Is this part still in active production or is it considered EOL (End of Life)?