P50A13-R1B
AI

The **P50A13-R1B** is a specific model of an AC/DC power adapter, typically manufactured by companies like **Adapter Technology** or used as a standard power supply unit (PSU) for industrial and networking equipment.
Below is a breakdown of its technical specifications, electronic components, and physical characteristics.
### 1. Technical Specifications
This device is designed to convert high-voltage alternating current (AC) from a wall outlet into a stable, low-voltage direct current (DC) for electronic devices.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 100V – 240V AC (Universal) |
| **Input Frequency** | 50Hz / 60Hz |
| **Output Voltage** | 12V DC (Standard for the P50 series) |
| **Output Current** | 4.16A – 4.2A |
| **Total Power** | 50 Watts |
| **Efficiency** | Level VI (High Efficiency) |
| **Connector Type** | Barrel Jack (usually 5.5mm x 2.1mm or 2.5mm) |
---
### 2. Key Electronic Components
The internal circuitry of the P50A13-R1B follows a **Switching Mode Power Supply (SMPS)** topology. The primary components inside include:
* **Input Protection:** Includes a fuse and an MOV (Metal Oxide Varistor) to protect against power surges and over-current scenarios.
* **Bridge Rectifier:** A set of four diodes that convert the AC input into a pulsating DC voltage.
* **PWM Controller IC:** The "brain" of the unit that regulates the switching frequency to maintain a steady 12V output regardless of input fluctuations.
* **Switching Transformer:** A high-frequency transformer that provides galvanic isolation between the dangerous high-voltage side and the safe low-voltage output.
* **Filtering Capacitors:** High-grade electrolytic capacitors (often rated for 105°C) that smooth out the voltage ripples for clean DC power.
* **Feedback Optocoupler:** Sends a signal from the output back to the input side to ensure the voltage remains constant under different load conditions.
---
### 3. Safety and Protection Features
Electronic power supplies in this class are required to have built-in safety mechanisms:
1. **OVP (Over Voltage Protection):** Shuts down the unit if the output voltage exceeds a safe threshold.
2. **OCP (Over Current Protection):** Prevents damage if the connected device draws more than 4.2A.
3. **SCP (Short Circuit Protection):** Instantly cuts power if a short is detected to prevent fire or component melting.
---
### 4. Physical and Pinout Configuration
The "R1B" suffix often refers to the specific revision or the DC plug polarity/configuration.
* **Polarity:** Usually **Center Positive** ($V+$ inside, $V-$ outside).
* **AC Inlet:** Typically an **IEC320-C14** (3-pin) or **C13** "kettle" style socket.
* **Housing:** High-impact, flame-retardant plastic (UL 94V-0 rated).
- ⤷
What is the exact pin size and polarity for the P50A13-R1B connector?
- ⤷ Can this power supply be used with a device that requires 12V 2A?
- ⤷ What are the common signs of failure in this specific PSU model?