P9025AC-RNBGI8
AI

### Technical Overview: P9025AC-RNBGI8
The **P9025AC-RNBGI8** is a highly integrated, single-chip wireless power receiver developed by Renesas (formerly IDT). It is specifically designed for mobile applications that require compliance with the WPC (Wireless Power Consortium) Qi standard.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Wireless Power Receiver IC |
| **Standard Compliance** | WPC 1.1.2 (Qi Standard) |
| **Output Power** | Up to 5W |
| **Efficiency** | > 80% (System Level) |
| **Communication** | I2C Interface |
| **Package** | VFQFPN-32 (5x5 mm) |
| **Protection** | Thermal, Voltage, and Current limits |
---
### 2. Internal Electronic Architecture
The device integrates several critical functional blocks that traditionally required separate components:
* **Full-Bridge Synchronous Rectifier:** Converts the AC induced current from the receiver coil into a stable DC voltage with high efficiency.
* **Integrated LDO Regulator:** A low-dropout regulator provides a regulated 5V output to the mobile system (battery charger or PMIC).
* **Microcontroller (MCU):** An embedded core handles the Qi communication protocol, including the "Ping," "Identification," and "Power Transfer" phases.
* **Modulation Circuitry:** Uses back-scatter modulation (capacitive or resistive) to send data packets back to the transmitter (TX).
* **FOD (Foreign Object Detection):** Sophisticated circuitry that monitors power loss to detect metal objects between the TX and RX, preventing overheating.
---
### 3. Application Circuit Components
When designing with the P9025AC, several peripheral electronic parts are required:
1. **Rx Coil:** Typically a flat copper spiral inductor that receives the electromagnetic field.
2. **Resonant Capacitors:** High-precision capacitors (C1, C2) used to tune the LC circuit to the 100-205 kHz Qi frequency.
3. **Communication Capacitors:** Smaller capacitors used to toggle the impedance for data transmission.
4. **NTC Thermistor:** An external temperature sensor to monitor the battery or coil temperature for safety.
---
### 4. Pins and Connectivity
* **AC1 / AC2:** Connections for the wireless power receiver coil.
* **OUT:** The regulated DC output pin (5V).
* **SCL / SDA:** I2C clock and data lines for communication with the host processor.
* **FOD:** Programming pin to calibrate Foreign Object Detection thresholds.
---
- ⤷
What are the specific resonant frequency requirements for the C1 and C2 capacitors?
- ⤷ How does the P9025AC handle heat dissipation in a compact VFQFPN package?
- ⤷ Can this IC be used for proprietary high-speed charging beyond the 5W Qi standard?