PA-830-352A-R2
AI

The **PA-830-352A-R2** is a high-precision pressure transducer manufactured by Nidec Components (formerly Copal Electronics). It is specifically designed for industrial applications requiring stability and resistance to corrosive environments.
### 1. General Specifications
The following table summarizes the primary electrical and mechanical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Pressure Type** | Absolute Pressure |
| **Rated Pressure Range** | 0 to 350 kPa (approx. 3.5 bar / 50 psi) |
| **Output Type** | Analog Voltage |
| **Output Voltage Range** | 1 to 5 VDC |
| **Supply Voltage** | 12 to 24 VDC (± 10%) |
| **Current Consumption** | ≤ 10 mA |
| **Accuracy** | ± 0.5% F.S. (Full Scale) |
---
### 2. Internal Electronic Components
The device utilizes several key electronic stages to convert physical pressure into a usable electrical signal:
* **Diffused Silicon Sensor:** The core is a piezoresistive silicon chip. When pressure is applied, the resistance changes proportionally. This chip is isolated by a stainless steel diaphragm to protect it from the media.
* **Signal Conditioning Circuit:**
* **Amplifier:** Since the raw bridge output from the silicon sensor is in millivolts, an internal Op-Amp scales the signal to the standard 1–5V range.
* **Temperature Compensation:** Internal thermistors or compensation resistors ensure the output remains stable despite fluctuations in ambient temperature.
* **Protection Circuitry:** Includes reverse polarity protection and noise filtering to ensure the sensor survives industrial electrical environments.
---
### 3. Connection Interface
The "R2" suffix typically denotes the specific cable or connector configuration.
* **Red Wire:** Power Supply (+)
* **White Wire:** Output Signal (+)
* **Black Wire/Shield:** Common Ground (COM)
### 4. Key Applications
* **Industrial Machinery:** Monitoring hydraulic or pneumatic lines.
* **Chemical Processing:** Due to the SUS316L stainless steel housing, it is resistant to many corrosive gases and liquids.
* **Medical Equipment:** High-precision air or liquid pressure monitoring.
---
- ⤷What is the difference between absolute and gauge pressure in the PA-830 series?
- ⤷ Can this sensor be used with a 5V microcontroller like an Arduino?
- ⤷ What are the environmental sealing ratings for this specific model?