PA-930-302R-R2
AI

The **PA-930-302R-R2** is a high-precision, industrial-grade pressure transducer (pressure sensor) manufactured by **Nidec Components** (formerly Copal Electronics). It belongs to the PA-930 series, known for its integrated amplifier and high-temperature durability.
---
### 1. Technical Specifications
Below are the primary electronic and physical specifications for this specific model:
| Feature | Specification |
| :--- | :--- |
| **Pressure Type** | Compound (Measures both Gauge and Vacuum) |
| **Rated Pressure Range** | -100 to 300 kPa |
| **Output Type** | Analog Voltage (1 to 5 V) |
| **Supply Voltage** | 10.8 to 26.4 VDC |
| **Current Consumption** | ≤ 15 mA |
| **Accuracy** | ±0.5% F.S. (Full Scale) |
| **Operating Temp** | -20°C to 150°C (High temp capable) |
| **Pressure Port** | R 1/4 (Tapered pipe thread) |
---
### 2. Key Electronic Components & Design
The PA-930-302R-R2 consists of three major electronic functional blocks:
#### A. The Sensing Element (MEMS)
* **Diffused Type Silicon Diaphragm:** The core is a semiconductor strain gauge. When pressure is applied, the silicon diaphragm deforms, changing its electrical resistance (Piezoresistive effect).
* **Oil-filled Structure:** The silicon chip is immersed in silicone oil and protected by a stainless steel (SUS316L) diaphragm, allowing it to measure gases and liquids including corrosive media.
#### B. Signal Conditioning Circuit
* **Integrated Amplifier:** Unlike basic sensors that output millivolts (mV), the "R2" suffix indicates an integrated circuit that amplifies the signal to a robust **1-5V analog output**.
* **Temperature Compensation:** It includes a thermistor-based compensation circuit to ensure the voltage output remains stable even if the ambient temperature fluctuates between -20°C and 150°C.
#### C. Electrical Protection
* **Reverse Polarity Protection:** Prevents damage if the V+ and Ground wires are accidentally swapped.
* **EMI/RFI Filtering:** Internal capacitors/beads to minimize noise interference in industrial environments.
---
### 3. Wiring Configuration
The device typically utilizes a 3-wire system. The wire colors generally follow this standard:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | Power (+) | 12V or 24V DC Input |
| **White** | Output | 1 to 5V Analog Signal |
| **Black** | Common (GND) | Shared Ground for Power and Signal |
---
### 4. Application Context
The **"302R"** in the part number specifically denotes a **Compound Pressure** range. This means the sensor is designed for systems that fluctuate between vacuum and positive pressure, such as:
* Leak testing equipment.
* Semiconductor manufacturing gas lines.
* Industrial hydraulic monitoring.
- ⤷
How does the 1-5V output correlate specifically to the -100 to 300 kPa range?
- ⤷ What are the mounting torque requirements for the R 1/4 thread on this sensor?
- ⤷ Can this sensor be used with corrosive chemicals like sulfuric acid?