Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PA2423U-R

  • AI
    The **PA2423U-R** is a legacy electronic component, specifically a **PCMCIA (PC Card) to SCSI-II Interface Adapter**, originally manufactured by Toshiba. It was designed to bridge the gap between portable computers (laptops) and high-speed external peripherals before USB became the industry standard. --- ### 🛠️ Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | PCMCIA Type II (16-bit) | | **Output Protocol** | SCSI-II (Small Computer System Interface) | | **Connector Type** | High-Density 50-pin (HD50) | | **Data Transfer Rate** | Up to 10 MB/s (Fast SCSI) | | **Compatibility** | Windows 3.1, 95, 98, and NT | | **Power Supply** | Powered via the PC Card slot (5V) | --- ### 🧩 Key Internal Electronic Components While the internal circuitry is integrated, the device relies on several critical electronic subsystems to function: 1. **SCSI Controller IC:** The "brain" of the card. This integrated circuit handles the protocol conversion between the PCMCIA bus architecture and the SCSI command set. It manages parity checking and bus arbitration. 2. **Voltage Regulators:** Miniature surface-mount (SMD) regulators that step down or stabilize the voltage provided by the laptop's PCMCIA slot to ensure the SCSI logic remains stable. 3. **Termination Circuitry:** SCSI chains require "termination" at both ends to prevent signal reflection. The PA2423U-R typically includes active or passive termination resistors to maintain signal integrity across the cable. 4. **Buffer Memory:** Small amounts of cache memory (SRAM) used to buffer data packets as they move from the slower PCMCIA bus to the faster SCSI-II interface. --- ### 📡 Use Cases (Legacy Context) This part was primarily used to connect a laptop to: * **External Hard Drives:** For expanded storage. * **Optical Drives:** External CD-ROM or early CD-R burners. * **Scanners:** Professional-grade flatbed scanners that required SCSI throughput. * **Tape Backups:** High-capacity data archiving units. ### ⚠️ Modern Compatibility Note Because this is a **16-bit PCMCIA** card (not the 32-bit CardBus), it is largely incompatible with modern laptops. Most contemporary systems lack the physical slot and the necessary legacy drivers to interface with the SCSI controller inside this unit. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between 16-bit PCMCIA and 32-bit CardBus interfaces?
    • ⤷ How do I find drivers for the PA2423U-R on Windows 10 or 11?
    • ⤷ Can this adapter be used to connect modern SATA drives via a bridge?