AI

The **PA3112-SM2-R** is a specific surface-mount electronic component, typically categorized as a **Microphone (MEMS or Electret Condenser)** or a specialized **Audio Transducer**, often manufactured by companies like PUI Audio.
Below is a breakdown of its technical specifications and characteristics.
---
### 1. General Specifications
The PA3112-SM2-R is designed for high-fidelity audio capture in compact electronic devices.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Electret Condenser Microphone (ECM) |
| **Mounting Type** | Surface Mount (SMD) |
| **Directionality** | Omnidirectional (picks up sound from all directions) |
| **Sensitivity** | Typically -42 dB ± 3dB (at 1 kHz) |
| **Frequency Range** | 20 Hz – 20,000 Hz |
| **Operating Voltage** | 1.0V to 10V DC (Standard 2.0V) |
---
### 2. Physical Characteristics
As an SMD (Surface Mount Device) part, it is built for automated PCB assembly lines.
* **Compact Size:** Designed for small-footprint applications like smartphones, wearables, or IoT sensors.
* **Termination:** Solder pads on the bottom for reflow soldering.
* **Acoustic Port:** Usually features a top-port or bottom-port design to allow sound waves to enter the diaphragm.
---
### 3. Electrical Pinout & Circuitry
To operate this part correctly, a simple FET (Field Effect Transistor) buffer circuit is usually required within the system:
```cpp
// Typical Biasing Circuit Concept
[Vcc] --- [Resistor (2.2k)] ---+--- [Output Capacitor] ---> Audio Out
|
[PA3112-SM2-R]
|
[GND]
```
---
### 4. Common Applications
Due to its reliability and small size, it is found in:
1. **Consumer Electronics:** Smartwatches, tablets, and handheld gaming consoles.
2. **Security Systems:** Acoustic glass-break sensors and voice-activated alarms.
3. **Industrial IoT:** Equipment noise monitoring and predictive maintenance sensors.
4. **Telecommunications:** Hands-free kits and VoIP hardware.
---
### 5. Soldering & Handling Precautions
* **Reflow Profile:** Must follow the standard lead-free reflow temperature curves to avoid damaging the internal diaphragm.
* **Cleaning:** Avoid using ultrasonic cleaning or high-pressure air near the acoustic port, as this can rupture the internal membrane.
- ⤷What is the signal-to-noise ratio (SNR) for the PA3112-SM2-R?
- ⤷ Does this component require a specific bias resistor value for 3.3V systems?
- ⤷ Are there waterproof versions of this SMD microphone?