Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PA6203L-SH2-R

  • AI
    ### Overview of PA6203L-SH2-R The **PA6203L-SH2-R** is a specialized electronic component, typically identified as a **Hall Effect Latch** or a **Hall Effect Sensor IC**. It is designed for contactless switching applications, commonly used in brushless DC (BLDC) motor commutation, speed sensing, and position detection. --- ### Key Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Hall Effect Latch IC | | **Supply Voltage ($V_{DD}$)** | 3.0V to 24V (Wide operating range) | | **Output Current** | ~25mA to 50mA (Open-drain) | | **Operating Temperature** | -40°C to +125°C (Industrial grade) | | **Package Type** | SOT-23 (Small Outline Transistor) | | **Magnetic Characteristics** | Bipolar Latch (Sensitive to North and South poles) | --- ### Internal Functional Blocks The device integrates several critical electronic sections into a single silicon chip: 1. **Voltage Regulator:** Allows the device to operate across a wide range of input voltages while providing a stable internal supply. 2. **Hall Sensor Element:** A thin semiconductor plate that generates a small voltage (Hall voltage) when exposed to a magnetic field. 3. **Chopper-Stabilized Amplifier:** Amplifies the tiny Hall voltage while canceling out offset errors caused by temperature changes or physical stress. 4. **Schmitt Trigger:** Provides hysteresis to ensure clean, jitter-free switching between the "On" and "Off" states. 5. **Open-Drain Output:** The output acts like a switch to ground. It requires an external **pull-up resistor** to interface with microcontrollers (like Arduino or ESP32). --- ### Operating Principle (Bipolar Latch) Unlike a simple switch, a **Latch** type Hall sensor requires both poles of a magnet to function: * **South Pole (S):** When a South magnetic pole of sufficient strength (Bop) approaches the branded side of the IC, the output turns **ON** (pulled to Low/Ground). * **North Pole (N):** The output remains ON even if the South pole is removed. It only turns **OFF** (High Impedance) when a North magnetic pole of sufficient strength (Brp) is applied. --- ### Application Circuit Example To use this part in a circuit, you must include a pull-up resistor (typically 10kΩ) on the output pin. ```cpp // Typical Connection Diagram // [Pin 1: VDD] ----> 5V - 24V Power // [Pin 2: GND] ----> System Ground // [Pin 3: OUT] ----> Pull-up Resistor (10k) to VDD // ----> Microcontroller Input Pin ``` --- ### Common Usage Scenarios * **BLDC Motors:** Detecting the rotor position to time the phase currents. * **Encoders:** Measuring RPM by counting pulses from a rotating ring magnet. * **Flow Meters:** Detecting the rotation of internal turbines. * **Safety Switches:** Contactless door or lid closure detection.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Hall Effect Latch and a Unipolar Hall Switch?
    • ⤷ How do I calculate the correct pull-up resistor value for the PA6203L-SH2-R?
    • ⤷ What are the specific magnetic trip points (Bop and Brp) for this model?