PBY276
AI

The **PBY276** (often referred to simply as the **276**) is a high-sensitivity **Hall Effect Sensor Integrated Circuit (IC)**. It is primarily used in DC brushless fan motors and magnetic proximity switches.
---
## 1. Technical Overview
The PBY276 combines several functions into a single four-pin package. It is designed to detect magnetic field polarity and switch output states to drive motor coils.
### Key Internal Components
| Component | Function |
| :--- | :--- |
| **Hall Sensor Element** | Converts magnetic flux into a millivolt signal. |
| **Amplifier** | Boosts the small Hall voltage to a usable level. |
| **Schmitt Trigger** | Provides hysteresis to prevent "chattering" (rapid switching) near the threshold. |
| **Complementary Outputs** | Two open-collector drivers (DO and DOB) that switch alternately. |
---
## 2. Technical Specifications
Typical operating parameters for the PBY276 are as follows:
| Parameter | Value |
| :--- | :--- |
| **Operating Voltage ($V_{CC}$)** | 3.5V to 20V |
| **Output Current ($I_{out}$)** | 400mA (Continuous) |
| **Operating Temperature** | -20°C to +85°C |
| **Package Type** | SIP-4L (Four-pin single in-line) |
| **Magnetic Sensitivity** | High (typically $\pm$ 50 Gauss) |
---
## 3. Pin Configuration
The device usually features four pins, arranged as follows:
1. **Vcc**: Input power supply.
2. **DO**: Output 1 (Open Collector).
3. **DOB**: Output 2 (Complementary to DO).
4. **GND**: Ground.
---
## 4. Working Principle
The PBY276 operates based on the **magnetic polarity** it senses:
* **South Pole Detection:** If a South magnetic pole approaches the branded side of the IC, Output 1 (DO) turns **ON** (low voltage) and Output 2 (DOB) turns **OFF** (high impedance).
* **North Pole Detection:** If a North magnetic pole approaches, DO turns **OFF** and DOB turns **ON**.
* **Commutation:** In a brushless DC (BLDC) fan, this alternating switching allows the current to flow through different motor coils, creating a rotating magnetic field that spins the rotor.
---
## 5. Common Applications
* **Dual-coil Brushless DC Fans:** The most common use case for cooling computers and power supplies.
* **Rotational Speed Sensors:** Used to count RPM by detecting passing magnets.
* **Proximity Switches:** Detecting the open/closed state of a lid or door.
* **Non-contact Switches:** Replacing mechanical switches in harsh environments.
---
## 6. Typical Application Circuit
In a standard fan circuit, the coils are connected between $V_{CC}$ and the two output pins (DO/DOB). A protection diode is often added to the $V_{CC}$ line to prevent damage from reverse voltage.
```text
Vcc (+)
|
[Protection Diode]
|
+-----+-----+
| | |
[Coil1][IC] [Coil2]
| | |
DO GND DOB
```
- ⤷
What is the difference between PBY276 and AH276?
- ⤷ How do you test a PBY276 sensor with a multimeter?
- ⤷ Does the PBY276 require external pull-up resistors for the outputs?