Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PBYL2025

  • AI
    The **PBYL2025** is a high-performance power Schottky barrier diode commonly used in switching power supplies and DC-to-DC converters. It is designed for high-efficiency rectification with minimal power loss. --- ### 1. Key Technical Specifications The part number "2025" usually denotes a **20A** current rating and a **25V** reverse voltage rating. | Parameter | Value | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 25V | Repetitive peak reverse voltage | | **$I_{F(AV)}$** | 20A | Average forward rectified current | | **$V_F$ (Max)** | ~0.45V - 0.50V | Maximum forward voltage drop (at 20A) | | **$I_{FSM}$** | ~150A - 200A | Non-repetitive peak forward surge current | | **Operating Temp** | -65°C to +150°C | Junction temperature range | --- ### 2. Functional Characteristics As a **Schottky Diode**, the PBYL2025 differs from standard silicon diodes in several ways: * **Low Forward Voltage Drop ($V_F$):** Because it uses a metal-semiconductor junction instead of a P-N junction, it wastes less energy as heat, making it ideal for low-voltage, high-current applications. * **Fast Switching Speed:** It has a very low reverse recovery time ($t_{rr}$), allowing it to operate in high-frequency circuits (hundreds of kHz) without significant switching losses. * **Guard Ring Protection:** Most PBYL series diodes include an internal guard ring for stress protection and long-term reliability against high voltage transients. --- ### 3. Pinout and Package Information The PBYL2025 is typically housed in a **TO-220** or **D2PAK** package to handle heat dissipation effectively. | Pin Number | Terminal | Function | | :--- | :--- | :--- | | **1** | Cathode (K) | The negative terminal (Output) | | **2** | Anode (A) | The positive terminal (Input) | | **Tab/Case** | Cathode | The mounting tab is electrically connected to the Cathode | --- ### 4. Common Applications Due to its high current capacity and low loss, it is found in: 1. **Switching Mode Power Supplies (SMPS):** Used for output rectification. 2. **Solar Panels:** Functions as a bypass or blocking diode to prevent reverse current. 3. **Battery Chargers:** Efficiently directs current into the battery. 4. **Free-Wheeling Diodes:** Protects circuits from inductive spikes in motor controllers. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PBYL2025 and a standard 1N4007 diode?
    • ⤷ How should I choose a heatsink for the PBYL2025 at its maximum current rating?
    • ⤷ Are there higher voltage variants of the PBYL series available?