Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PBYR320CTD

  • AI
    ## PBYR320CTD: Technical Overview The **PBYR320CTD** is a high-performance **Schottky Barrier Diode** (SBD) commonly used in power electronics for rectification and protection. It is designed for high-frequency applications where low power loss and high efficiency are critical. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Configuration** | Dual / Common Cathode | Two diodes in one package sharing a cathode | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 20V - 45V (Typical) | The maximum voltage it can withstand in reverse bias | | **Average Forward Current ($I_{F(AV)}$)** | 30A (Total) | 15A per diode leg | | **Forward Voltage Drop ($V_F$)** | ~0.5V to 0.6V | Low voltage drop compared to standard PN diodes | | **Package Type** | D2PAK (SOT404) | Surface-mount power package | | **Reverse Recovery Time ($t_{rr}$)** | Negligible | Fast switching characteristics | --- ### 2. Physical Structure and Pinout The PBYR320CTD usually comes in a 3-pin surface-mount package. Because it is a **Common Cathode** device, the layout is typically as follows: 1. **Anode 1:** Connection to the first diode. 2. **Cathode (Tab):** The common connection point for both diodes (usually connected to the metal heat sink tab). 3. **Anode 2:** Connection to the second diode. --- ### 3. Core Features * **Low Forward Voltage:** Reduces conduction losses, which increases the overall efficiency of the power supply. * **Guard Ring Protection:** Includes an internal guard ring for stress protection and improved long-term reliability against high voltage transients. * **High Junction Temperature:** Capable of operating at elevated temperatures (typically up to $150^\circ C$ or $175^\circ C$). * **Fast Switching:** Schottky diodes are majority carrier devices, meaning they have essentially zero reverse recovery time, making them ideal for high-speed switching. --- ### 4. Common Applications * **Switched Mode Power Supplies (SMPS):** Used for output rectification on the secondary side of transformers. * **DC-DC Converters:** High-speed switching in buck or boost converters. * **Free-wheeling Diodes:** Protecting circuits from inductive spikes in motor drives. * **Battery Charging:** Preventing reverse current flow from the battery to the charging source. --- ### 5. Implementation Code (Simulation Example) If you are simulating this diode in a basic power circuit using SPICE-like syntax: ```spice * Simple Rectifier Circuit with PBYR320CTD V1 AC_IN 0 SIN(0 12 60) D1 AC_IN DC_OUT PBYR320CTD_MODEL R1 DC_OUT 0 10 C1 DC_OUT 0 1000uF .MODEL PBYR320CTD_MODEL D(Is=1e-7 Rs=0.02 N=1.05 Cjo=500p M=0.33 Vj=0.6) ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for a 30A current load?
    • ⤷ How does the forward voltage drop change with temperature in this diode?
    • ⤷ Can this diode be used in a bridge rectifier configuration?