PCB.MMCXFSTJ.SMT.HT
AI

This documentation provides a technical breakdown of the electronic components and assembly standards associated with the code **PCB.MMCXFSTJ.SMT.HT**. This nomenclature typically refers to a specific type of RF (Radio Frequency) connector and its mounting specifications.
---
## 1. Component Breakdown: MMCXFSTJ
The core of this part is the **MMCX** connector. MMCX stands for *Micro-Miniature Coaxial*.
| Feature | Description |
| :--- | :--- |
| **Type** | Micro-miniature coaxial connector. |
| **Mechanism** | Snap-on coupling (allows 360-degree rotation). |
| **Impedance** | Usually 50 Ohms. |
| **Frequency** | Operates effectively from DC up to 6 GHz. |
| **Application** | Wi-Fi cards, GPS modules, and small telecommunication devices. |
### Suffix Meanings:
* **F**: Female (Jack/Socket).
* **ST**: Straight (Vertical orientation relative to the PCB).
* **J**: Jack (often redundant with Female, but specifies the housing type).
---
## 2. Mounting Technology: SMT
**SMT** stands for **Surface Mount Technology**. This describes how the part is physically attached to the Printed Circuit Board.
### Key Characteristics of SMT:
* **No Holes:** Unlike Through-Hole Technology (THT), components are soldered directly onto the surface of the board (pads).
* **Automated Assembly:** SMT components are designed to be handled by "Pick and Place" machines.
* **Space Saving:** Allows for smaller PCB designs and components to be placed on both sides of the board.
---
## 3. Environmental Standard: HT
The **HT** suffix stands for **High Temperature**.
This is a critical specification for the soldering process. Because SMT components go through a **Reflow Oven**, they must withstand intense heat.
* **Lead-Free Compatibility:** HT parts can withstand temperatures required for lead-free (RoHS) soldering (typically **260°C**).
* **Material:** The insulator inside the MMCX connector is usually made of high-grade Teflon (PTFE) or Liquid Crystal Polymer (LCP) to prevent melting during the production cycle.
---
## 4. Technical Specifications Summary
| Specification | Value/Detail |
| :--- | :--- |
| **Mounting Style** | Surface Mount (SMT) |
| **Body Material** | Brass (often Gold Plated) |
| **Dielectric** | PTFE or High-Temp Plastic |
| **Orientation** | Straight (Vertical) |
| **Thermal Resistance** | Suitable for Reflow Soldering (HT) |
---
## 5. Typical Code Implementation
In an ERP or CAD system, the part might be represented as follows:
```json
{
"Part_Number": "PCB.MMCXFSTJ.SMT.HT",
"Category": "RF Connector",
"Mount": "Surface Mount",
"Gender": "Female/Jack",
"Temperature_Rating": "260C Lead-Free Reflow"
}
```
- ⤷
What is the difference between MMCX and MCX connectors?
- ⤷ How does the HT rating affect the PCB reflow profile?
- ⤷ What are the advantages of using a Straight (ST) versus a Right Angle (RA) MMCX connector?