PCC-SMP-E-50-R
AI

The **PCC-SMP-E-50-R** is a specialized electronic component, specifically a **Surface Mount (SMT) Thermocouple Connector** manufactured by Omega Engineering. It is designed to allow thermocouple probes to be connected directly to a Printed Circuit Board (PCB).
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by Omega. Below are the primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Type** | Subminiature Surface Mount Connector |
| **Calibration Type** | **E** (Chromel-Constantan) |
| **Mounting Style** | Surface Mount (SMT) |
| **Circuit Count** | 2-Pin (Positive and Negative) |
| **Lead Orientation** | Horizontal / Right Angle |
| **Packaging** | **R** (Tape and Reel) |
| **Compliance** | RoHS Compliant |
---
## 2. Key Electronic Characteristics
### Calibration Compatibility
The "E" in the part number indicates it is specific to **Type E thermocouples**.
* **Positive Terminal:** Chromel (Nickel-Chromium)
* **Negative Terminal:** Constantan (Copper-Nickel)
* **Importance:** Using the correct connector material prevents "Cold Junction" errors caused by dissimilar metal junctions at the connection point.
### Surface Mount Technology (SMT)
Unlike traditional through-hole connectors, this part is designed for automated pick-and-place assembly.
* **Solder Pads:** Large side pads provide mechanical stability and electrical contact.
* **Removable Cap:** Usually includes a high-temperature plastic cap to allow vacuum pickup during assembly, which is removed after soldering.
---
## 3. Physical Construction
* **Housing Material:** High-temperature Liquid Crystal Polymer (LCP) or equivalent, capable of withstanding IR reflow soldering temperatures (typically up to 260°C).
* **Transistor/Sensor Protection:** The connector includes a patent-pending design that allows for a transistor or thermistor to be mounted underneath or near the connector for accurate cold-junction compensation (CJC).
---
## 4. Typical Applications
* **Handheld Thermometers:** Used for the input jack of digital temperature meters.
* **Data Loggers:** Small-scale PCB-mounted temperature recording devices.
* **Industrial Control Boards:** Where Type E sensors are used for high-sensitivity temperature measurements (Type E has the highest EMF output per degree).
---
## 5. Summary Table
| Part Component | Meaning |
| :--- | :--- |
| **PCC** | Printed Circuit Connector |
| **SMP** | Sub-Miniature Plug/Jack Style |
| **E** | Thermocouple Calibration (Type E) |
| **50** | Quantity/Bulk Designation (standard series) |
| **R** | Tape and Reel packaging for SMT |
- ⤷
What are the temperature limitations for reflow soldering this connector?
- ⤷ How does cold-junction compensation (CJC) work with this specific connector?
- ⤷ Can I use a Type K thermocouple probe with a Type E connector?