PCC-SMP-T-5-R
AI

The **PCC-SMP-T-5-R** is a specific type of connector manufactured by **Omega Engineering**. It is designed for use in temperature measurement circuits, specifically for connecting thermocouples to printed circuit boards (PCBs).
---
### 1. Technical Specifications
| Parameter | Details |
| :--- | :--- |
| **Part Number** | PCC-SMP-T-5-R |
| **Thermocouple Type** | **Type T** (Copper/Constantan) |
| **Connector Type** | Miniature Connector (Male/Plug) |
| **Mounting Style** | PCB Mount (Horizontal/Surface) |
| **Pin Configuration** | 2-Pin (Polarized) |
| **Material** | Liquid Crystal Polymer (LCP) |
| **Temperature Rating** | Up to 260°C (500°F) |
---
### 2. Key Component Features
#### A. Thermocouple Type (Type T)
The "T" in the part number indicates it is calibrated for **Type T thermocouples**. These are made of copper and constantan and are highly stable, often used in cryogenic and low-temperature applications (-200°C to 350°C). The connector body is color-coded **Blue** to match international Type T standards.
#### B. Mounting and Connectivity
* **PCB Pins:** The connector features small metal pins designed to be soldered directly into a circuit board.
* **Retaining Clip:** The "-R" suffix indicates a **Retaining Clip** feature. This is a metal clip that holds the connector securely to the PCB, providing mechanical strain relief so the solder joints don't break when plugging or unplugging sensors.
#### C. Material Properties
The housing is typically made from high-performance engineered plastics like LCP. This allows the part to withstand high-temperature soldering processes (like reflow soldering) without melting or warping.
---
### 3. Electronic Integration
When integrating this part into a circuit, the following electrical considerations apply:
* **Cold Junction Compensation (CJC):** Since this connector bridges the thermocouple wire to the PCB traces, it creates a "junction." For accurate readings, a temperature sensor (like a thermistor or IC) should be placed near this connector on the PCB to perform CJC.
* **Polarity:** The pins are different sizes (polarized) to ensure the thermocouple is never plugged in backward, which would cause inverse temperature readings.
---
- ⤷
What is the difference between the 'T' and 'K' versions of this connector?
- ⤷ How does the retaining clip (-R) affect the PCB layout design?
- ⤷ Are there specific soldering temperature profiles recommended for this part?