PCC420VR-05-R6
AI

The **PCC420VR-05-R6** is a specialized industrial sensor manufactured by Wilcoxon Sensing Technologies. It is a **Vibration Transmitter** designed to convert mechanical vibration into a standard industrial process control signal.
---
## 1. Core Technical Specifications
The model number provides specific information about its output and range:
| Feature | Specification |
| :--- | :--- |
| **Output Type** | 4-20 mA Loop Powered |
| **Measurement Parameter** | Velocity (V) |
| **Detection Type** | RMS (Root Mean Square) |
| **Full Scale Range** | 0.5 inches per second (ips) |
| **Termination** | R6 (Terminal block/Integral cable options depending on specific housing) |
| **Frequency Response** | 10 Hz to 1,000 Hz |
---
## 2. Electronic Components & Internal Design
The device functions as an integrated transducer, combining sensing elements with signal conditioning electronics.
### A. The Piezoelectric Sensing Element
At its heart, the device uses a **Piezoceramic crystal**. When the machine vibrates, the crystal is subjected to stress, creating an electrical charge proportional to the acceleration of the vibration.
### B. Internal Signal Conditioning
The sensor contains an internal circuit board that performs several electronic tasks:
1. **Integrator:** Since the raw crystal output is acceleration, the electronics perform a mathematical integration to convert the signal into **Velocity**.
2. **True RMS Converter:** The AC vibration signal is converted into a DC value representing the RMS energy level.
3. **Current Loop Driver:** A 4-20 mA driver regulates the current on the loop. 4 mA represents zero vibration (0.0 ips), and 20 mA represents the full scale (0.5 ips).
### C. Power Requirements
* **Loop Powered:** It does not require a separate power supply. It draws power directly from the 4-20 mA loop (typically 12-30 VDC).
* **Reverse Wiring Protection:** Includes diodes to prevent damage if the positive and negative leads are swapped.
---
## 3. Application and Connection
This sensor is designed to interface directly with a **PLC (Programmable Logic Controller)**, **DCS**, or **SCADA** system without needing an external vibration monitor.
### Wiring Diagram Concept
```text
[Power Supply (+)] ----> [Sensor Pin A]
[Sensor Pin B] --------> [PLC Analog Input (+)]
[PLC Analog Input (-)] -> [Power Supply (-)]
```
---
## 4. Key Advantages
* **No Specialist Knowledge Required:** Because it outputs 4-20 mA, plant electricians can treat it like a temperature or pressure transmitter.
* **Noise Immunity:** Current signals (4-20 mA) are much less susceptible to electromagnetic interference over long cable runs than raw voltage signals.
* **Continuous Monitoring:** Provides 24/7 data for trend analysis and early warning of bearing failure or imbalance.
- ⤷How do I calibrate the 4-20 mA scale for this sensor in a PLC?
- ⤷ What is the difference between Peak and RMS measurement in the PCC420 series?
- ⤷ Can this sensor be used in hazardous or explosive environments?