PCC420VR-10MM-R6
AI

The **PCC420VR-10MM-R6** is a high-performance industrial vibration sensor (accelerometer) manufactured by Wilcoxon Sensing Technologies. It is specifically designed for **Condition Monitoring**, converting mechanical vibration into a standard 4-20 mA analog signal.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and physical attributes of the component:
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | 4-20 mA (Proportional to Velocity) |
| **Measurement Range** | 0 to 1.0 inches per second (ips) |
| **Full Scale Range** | 10 mm/s (Peak or RMS depending on calibration) |
| **Frequency Response** | 2 Hz to 2,000 Hz (±10%) |
| **Supply Voltage** | 12 to 30 VDC (Loop Powered) |
| **Connector Type** | 2-pin, MIL-C-5015 style |
| **Operating Temperature** | -40°C to +85°C |
| **Housing Material** | 316L Stainless Steel |
---
### 2. Electronic Architecture and Functionality
The PCC420VR series functions as a **Loop-Powered Transmitter**. Below is the breakdown of its internal electronic stages:
1. **Piezoelectric Sensing Element**: At the core, a ceramic crystal generates a small charge proportional to acceleration when the machine vibrates.
2. **Internal Integrator**: Unlike standard accelerometers that output voltage, this model includes an internal integrator circuit that converts the *acceleration* signal into a *velocity* signal (mm/s).
3. **True RMS or Peak Conversion**: The electronics process the raw vibration signal to calculate the RMS (Root Mean Square) value, providing a representative measure of the vibration energy.
4. **4-20 mA Current Loop**: The signal is converted into a current output.
* **4 mA** = Zero vibration (0 mm/s).
* **20 mA** = Maximum rated vibration (10 mm/s).
---
### 3. Wiring and Integration
Because it uses a 4-20 mA loop, it is highly resistant to electromagnetic interference (EMI) over long cable runs.
```yaml
# Typical Wiring Diagram Logic
Loop(+) -> Red Wire / Pin A -> Positive Terminal (12-30 VDC)
Loop(-) -> White Wire / Pin B -> Input Channel of PLC/DCS (Load Resistor)
Ground -> Shield/Case -> Earth Ground
```
---
### 4. Applications
The "R6" variant typically refers to specific mounting or casing requirements used in:
* **Motors and Pumps**: Monitoring bearing health and imbalance.
* **Fans/Blowers**: Detecting blade wear or misalignment.
* **PLC/SCADA Integration**: Direct connection to industrial control systems without needing expensive vibration modules.
- ⤷
How do I calculate the vibration level if my PLC reads 12mA?
- ⤷ What is the difference between the VR (Velocity) and AR (Acceleration) versions of this sensor?
- ⤷ Can this sensor be used in hazardous or explosive environments?