PCCV22-R50M-RC
AI

The **PCCV22-R50M-RC** is a high-performance, surface-mount (SMD) power inductor commonly used in automotive and industrial power electronics. It is part of the PCC-V22 series, known for its high current handling and compact design.
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.50 µH | Rated at 100 kHz |
| **Tolerance** | ±20% (M) | Standard industry tolerance |
| **DC Resistance (DCR)** | ~0.72 mΩ | Typical (Max ~0.80 mΩ) |
| **Rated Current (I-rms)** | ~30.0 A | Temperature rise current |
| **Saturation Current (I-sat)** | ~50.0 A | Inductance drop of 20% or 30% |
| **Operating Temp** | -55°C to +155°C | AEC-Q200 Qualified |
| **Package Size** | 12.5 x 12.5 x 6.0 mm | Approximate dimensions |
---
### 2. Core Features and Construction
* **Shielded Construction:** The inductor is magnetically shielded, which minimizes Electromagnetic Interference (EMI) and prevents noise from leaking into surrounding circuits.
* **Metal Composite Core:** Unlike traditional ferrite cores, these use a metal alloy powder. This allows for "soft saturation" characteristics, meaning the inductance decreases gradually rather than dropping off sharply when high current is applied.
* **Low DCR:** The extremely low DC resistance ensures high efficiency and minimal heat generation even under heavy loads.
* **AEC-Q200 Compliance:** This indicates the part is designed for the harsh environments of the automotive industry, surviving extreme vibrations and thermal cycling.
---
### 3. Common Applications
The PCCV22-R50M-RC is typically found in high-efficiency DC-DC converters and power supply modules:
1. **Automotive Systems:** ADAS (Advanced Driver Assistance Systems), infotainment, and LED lighting control.
2. **Computing:** High-current Point-of-Load (PoL) converters for CPUs and GPUs.
3. **Industrial:** Battery management systems (BMS) and motor control units.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **PCCV22** | Series series identifier (Large current SMD power inductor) |
| **R50** | Inductance value (R50 = 0.50 µH) |
| **M** | Tolerance (M = ±20%) |
| **RC** | RoHS Compliant / Revision code |
- ⤷
What is the significance of the 'soft saturation' feature in metal composite inductors?
- ⤷ How does the 155°C temperature rating affect circuit design compared to standard 125°C parts?
- ⤷ What are the recommended PCB footprint dimensions for the PCCV22 series?