AI

The **PCF8564AU** is a CMOS Real-Time Clock (RTC) and calendar optimized for low power consumption. It is commonly used in mobile devices, battery-powered systems, and industrial controllers to maintain accurate time even when the main system power is off.
---
### 1. Key Technical Specifications
The PCF8564AU functions primarily as a peripheral device that communicates via the I²C-bus.
| Feature | Specification |
| :--- | :--- |
| **Interface** | I²C-bus (up to 400 kHz) |
| **Supply Voltage** | 1.8V to 5.5V |
| **Current Consumption** | Typ. 0.25 µA (at VDD = 3.0V, 25°C) |
| **Clock Output** | Programmable (32.768 kHz, 1.024 kHz, 32 Hz, 1 Hz) |
| **Package** | TSSOP8 (indicated by the 'U' suffix) |
---
### 2. Functional Blocks
The internal architecture consists of several critical electronic components:
1. **Oscillator Circuit:** Requires an external 32.768 kHz quartz crystal. It includes internal load capacitance, though external trimmers can be added for high-precision tuning.
2. **Frequency Divider:** Scales the 32.768 kHz signal down to 1 Hz to increment the seconds, minutes, hours, days, months, and years registers.
3. **Registers:**
* **Time/Calendar:** Tracks seconds through years (including leap year compensation).
* **Alarm:** Can be set to trigger an interrupt at a specific time.
* **Control/Status:** Manages the operating mode and interrupt flags.
4. **Interrupt Generator:** An open-drain output (`/INT`) that can signal a host processor based on alarm events or timer overflows.
---
### 3. Pin Configuration (TSSOP8)
The PCF8564AU is typically housed in an 8-pin package with the following layout:
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **OSCI** | Oscillator Input |
| 2 | **OSCO** | Oscillator Output |
| 3 | **INT** | Interrupt Output (Active LOW, Open-drain) |
| 4 | **VSS** | Ground (0V) |
| 5 | **SDA** | I²C Serial Data Line |
| 6 | **SCL** | I²C Serial Clock Line |
| 7 | **CLKOUT** | Programmable Clock Output (Open-drain) |
| 8 | **VDD** | Positive Supply Voltage |
---
### 4. Application Circuit Example
To use the PCF8564AU, you need minimal external components:
```c
// Typical Connection Logic
- VDD: Connect to 3V battery or regulated 3.3V source.
- SCL/SDA: Connect to MCU with 4.7k Ohm pull-up resistors.
- OSCI/OSCO: Connect a 32.768 kHz crystal.
- INT: Connect to an MCU GPIO with a pull-up resistor if alarms are needed.
```
---
### 5. Notable Advantages
* **Century Flag:** Unlike many older RTCs, it has a built-in flag to track century rollovers.
* **Low Power:** Designed for "always-on" operation with minimal battery drain.
* **Versatility:** The `CLKOUT` pin allows it to act as a precision frequency reference for other parts of the PCB.
- ⤷
How do I calculate the battery life for a PCF8564AU in a backup circuit?
- ⤷ What are the specific I2C address bytes for this device?
- ⤷ How does the PCF8564AU handle leap years compared to other RTCs?