Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PCIMX6DP5AVT2AB

  • AI
    The **PCIMX6DP5AVT2AB** belongs to the NXP i.MX 6DualPlus family of applications processors. These are high-performance processors designed for automotive, industrial, and consumer applications that require advanced graphics and high reliability. ### 1. Key Technical Specifications The part number can be decoded to understand its specific capabilities: | Feature | Specification | | :--- | :--- | | **Core Architecture** | Dual-core ARM Cortex-A9 | | **Speed Grade** | 852 MHz to 1.0 GHz (depending on power mode) | | **L1 Cache** | 32 KB instruction and 32 KB data per core | | **L2 Cache** | 1 MB shared | | **Graphics (GPU)** | Quad-shader Vivante GC2000+ (3D), GC355 (2D), GC320 (Comp) | | **Package Type** | 624-pin FCBGA (Lidded) | | **Operating Temp** | -40°C to +105°C (Automotive/Industrial grade) | --- ### 2. Electronic Components & Subsystems The chip is a System-on-Chip (SoC), meaning it integrates several electronic parts into one silicon die: #### A. Processing Unit * **NEON MPE:** A Media Processing Engine for hardware acceleration of audio/video codecs. * **VPU:** A high-definition Video Processing Unit capable of 1080p60 decode and encode. #### B. Memory Interfaces * **DDR Controller:** Supports multi-standard memory including LPDDR2, DDR3, and DDR3L at 64-bit width. * **External Storage:** Integrated controllers for MMC/SD (eMMC/SDIO) and NAND/NOR Flash. #### C. Connectivity & I/O * **PCI Express (PCIe):** 1.0 x1 lane for high-speed peripheral expansion. * **Ethernet:** 10/100/1000 Mbps MAC (Gigabit Ethernet). * **USB:** Dual USB 2.0 OTG with integrated PHY. * **Display:** Support for HDMI, MIPI-DSI, and LVDS interfaces. --- ### 3. Application Areas Because this specific part suffix (**2AB**) often denotes high reliability and enhanced graphics, it is commonly found in: 1. **Automotive Infotainment:** Dashboard displays and rear-seat entertainment. 2. **Industrial HMI:** High-resolution touch panels for factory automation. 3. **Digital Signage:** Media players requiring constant uptime and 24/7 operation. --- ### 4. Circuit Implementation Example When designing a PCB for this part, engineers typically include several discrete electronic components: ```c // Example of a typical Power Management IC (PMIC) integration // with the i.MX 6DualPlus via I2C bus: void init_pmic_config() { i2c_write(PMIC_ADDR, VDD_ARM_CAP, 1250); // Set CPU core voltage to 1.25V i2c_write(PMIC_ADDR, VDD_SOC_CAP, 1150); // Set System-on-Chip voltage } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the i.MX 6Dual and the i.MX 6DualPlus versions?
    • ⤷ What type of PMIC is recommended for powering the PCIMX6DP5AVT2AB?
    • ⤷ How does the thermal management work for the 624-pin FCBGA package?