AI

The **PCIMX6DP6CVT2AB** belongs to the **i.MX 6DualPlus** family of applications processors developed by NXP (formerly Freescale). This specific part is designed for high-performance automotive and industrial applications, offering enhanced graphics and memory bandwidth compared to the standard i.MX 6Dual series.
---
### 1. Key Technical Specifications
The architecture is based on the ARM Cortex-A9 core. Below are the primary technical parameters for this specific MPN (Manufacturer Part Number):
| Parameter | Specification |
|:---|:---|
| **Core Architecture** | ARM Cortex-A9 (Dual Core) |
| **Speed** | Up to 800 MHz / 1.0 GHz (Dependent on power mode) |
| **GPU** | Vivante GC2000 (3D), GC355 (2D), GC320 (Composition) |
| **Memory Support** | LPDDR2, DDR3, DDR3L (Up to 1066 MT/s) |
| **Package** | 624-pin FCBGA (21mm x 21mm) |
| **Temperature Range** | Industrial/Automotive (-40°C to +105°C) |
| **Video Processing** | 1080p60 H.264 decode, 1080p30 H.264 encode |
---
### 2. Major Internal Components
The "Plus" designation in this part signifies specific hardware improvements over the base i.MX 6 series:
#### A. Processing Unit
* **Dual Cortex-A9 Cores:** Features individual L1 caches and a shared 1MB L2 cache.
* **NEON MPE:** Media Processing Engine for hardware-accelerated signal processing and video.
#### B. Enhanced Graphics and Imaging
* **Triple Graphics Engines:** Includes dedicated hardware for 3D rendering, 2D vector graphics, and image composition.
* **IPU (Image Processing Unit):** Manages camera interfaces (MIPI CSI-2) and display outputs (HDMI, LVDS, Parallel).
#### C. Connectivity and Interfaces
* **PCIe v2.0:** One lane for high-speed peripheral expansion.
* **SATA II:** Integrated 3Gbps SATA interface for HDD/SSD support.
* **FlexCAN:** Controller Area Network interfaces (crucial for automotive applications).
* **Gigabit Ethernet:** Support for 10/100/1000 Mbps with AVB (Audio Video Bridging).
---
### 3. Part Number Decoder (Breakdown)
Understanding the nomenclature helps identify the exact capabilities of the silicon:
| Segment | Code | Meaning |
|:---|:---|:---|
| **Brand** | **PC** | Prototype/Pre-qualification (Note: "MC" is standard production) |
| **Family** | **IMX6** | i.MX 6 Series |
| **Sub-family** | **DP** | DualPlus (Dual Core, Enhanced Features) |
| **Temp Grade** | **6** | Industrial Grade (-40 to +105 °C) |
| **Package** | **CVT** | FCBGA 21x21mm, 0.8mm pitch |
| **Revision** | **2AB** | Silicon Revision 2.1 |
---
### 4. Application Use Cases
Due to its robust thermal rating and enhanced memory bandwidth, this part is commonly found in:
1. **Automotive Infotainment:** Driving dual independent displays and handling rear-view camera processing.
2. **Industrial HMI:** High-resolution touch-screen interfaces in factory environments.
3. **Digital Signage:** Capable of 24/7 operation with high-definition video playback.
- ⤷
What are the power consumption differences between the i.MX 6Dual and the i.MX 6DualPlus?
- ⤷ Which PMIC (Power Management IC) is recommended for use with the PCIMX6DP6CVT2AB?
- ⤷ How does the memory bandwidth of the 'Plus' version compare to the standard i.MX 6 series?