PCL0J331MCL1GS
AI

## Detailed Overview of PCL0J331MCL1GS
The **PCL0J331MCL1GS** is a high-performance **Conductive Polymer Aluminum Solid Electrolytic Capacitor** manufactured by **Nichicon**. It belongs to the **PCL series**, which is characterized by its high reliability, low ESR (Equivalent Series Resistance), and suitability for surface-mount technology (SMT).
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 330 µF |
| **Voltage (Rated)** | 6.3 V |
| **Tolerance** | ±20% (at 120Hz, 20°C) |
| **ESR** | ~25 mΩ (at 100kHz, 20°C) |
| **Rated Ripple Current** | 2320 mArms (at 100kHz, 105°C) |
| **Operating Temp Range** | -55°C to +105°C |
| **Endurance** | 5000 hours at 105°C |
| **Package / Case** | SMD (Radial Leadless - "Chip" type) |
| **Size Code** | 6.3mm x 6.0mm |
---
### 2. Physical and Chemical Composition
Unlike standard electrolytic capacitors that use a liquid electrolyte, the PCL series uses a **Solid Conductive Polymer**.
* **Anode:** Aluminum foil.
* **Cathode:** Conductive Polymer (provides significantly lower ESR than liquid).
* **Safety:** Does not dry out over time, reducing the risk of "venting" or explosion common in standard wet caps.
---
### 3. Application Areas
Due to its low ESR and high ripple current capability, this part is typically used in power management circuits:
* **DC/DC Converters:** Smoothing output voltage.
* **Motherboards/Servers:** Decoupling high-speed CPUs and GPUs.
* **Telecommunications:** Noise filtering in power supplies.
* **Consumer Electronics:** High-reliability circuits where space is limited.
---
### 4. Part Number Decoding (Breakdown)
The part number follows a specific Nichicon nomenclature:
| Segment | Meaning |
| :--- | :--- |
| **PCL** | Series Name (Conductive Polymer, High Reliability) |
| **0J** | Voltage Code (0J = 6.3 Volts) |
| **331** | Capacitance Code (33 x 10^1 = 330µF) |
| **M** | Tolerance Code (M = ±20%) |
| **CL** | Size Code (Refers to the 6.3x6.0mm dimensions) |
| **1GS** | Packaging/Taping Code (Standard Taping) |
---
- ⤷
How does the ESR of a polymer capacitor compare to a standard aluminum electrolytic capacitor?
- ⤷ What are the soldering precautions for the PCL0J331MCL1GS during SMT assembly?
- ⤷ Can this capacitor be used in automotive applications
- ⤷ or does it require a different series?