Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PCMF2USB3BA/C

  • AI
    ### PCMF2USB3BA/C: Overview and Specifications The **PCMF2USB3BA/C** is a specialized electronic component designed by Nexperia. It is an **EMI (Electromagnetic Interference) filter** combined with **ESD (Electrostatic Discharge) protection**. It is specifically engineered for high-speed differential lines, most commonly used in USB 3.2, HDMI 2.0, and DisplayPort interfaces. --- ### 1. Core Functions * **Common Mode Filtering:** It suppresses unwanted noise (EMI) on differential data lines while allowing the high-speed data signal to pass through with minimal distortion. * **ESD Protection:** It protects sensitive internal System-on-Chips (SoCs) from static electricity strikes (up to 15 kV). * **Signal Integrity:** Optimized for extremely high frequencies, ensuring that the "eye diagram" of the data remains open and readable. --- ### 2. Technical Specifications Below are the primary electrical characteristics of the PCMF2USB3BA/C: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2-line (1 differential pair) | | **Passband (-3 dB)** | > 6 GHz | | **ESD Protection** | IEC 61000-4-2, level 4 (15 kV air, 8 kV contact) | | **Cut-off Frequency** | Optimized for USB 3.2 Gen 1 & 2 (up to 10 Gbps) | | **Package Type** | WLCSP5 (Wafer Level Chip Scale Package) | | **Clamping Voltage** | Low (protects sub-micron transceivers) | --- ### 3. Pin Configuration and Integration The device is typically integrated into the data path between the physical connector (e.g., USB Type-C) and the controller IC. ```c // Typical Signal Path Representation [USB Connector] <---> [PCMF2USB3BA/C] <---> [USB Controller/SoC] (Filtering + ESD) ``` --- ### 4. Key Advantages 1. **Compact Form Factor:** The WLCSP5 package is extremely small, saving valuable PCB space in mobile devices and laptops. 2. **Wide Bandwidth:** With a passband exceeding 6 GHz, it supports SuperSpeed USB data rates without degrading the signal. 3. **Efficiency:** Replaces multiple discrete components (inductors and diodes) with a single integrated silicon solution.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this part and a standard TVS diode?
    • ⤷ How does the common-mode rejection ratio (CMRR) affect signal quality in this device?
    • ⤷ Is this component compatible with USB 4.0 standards?