PCS3P73U00AG-08-ST
AI

## Analysis of PCS3P73U00AG-08-ST
The **PCS3P73U00AG-08-ST** is a specialized semiconductor device, primarily classified as a **Spread Spectrum Clock Generator (SSCG)**. It is designed to reduce Electromagnetic Interference (EMI) at the source by modulating the system clock.
### 1. General Specifications
Below are the primary technical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Function** | Peak EMI Reduction / Spread Spectrum Clock Generator |
| **Supply Voltage (VDD)** | 2.3V to 3.6V |
| **Operating Frequency** | 10 MHz to 70 MHz |
| **Output Type** | CMOS / TTL |
| **Package Type** | SOIC-8 (8-pin Small Outline Integrated Circuit) |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
---
### 2. Key Internal Components & Features
The device functions as a Phase-Locked Loop (PLL) based system. Its internal architecture includes:
* **Phase-Locked Loop (PLL):** The core component that synthesizes the output frequency based on the input reference.
* **Modulation Logic:** This circuitry introduces a controlled "jitter" or frequency variation (typically ±1.25% or ±1.75%) to spread the energy of the clock signal over a wider bandwidth.
* **Input Crystal Oscillator:** Supports either an external clock source or a fundamental mode crystal.
* **Power Down (PD#) Pin:** A control pin used to place the device into a low-power state when the clock is not required.
---
### 3. Pin Configuration (SOIC-8)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | XIN/CLKIN | Crystal connection or external reference clock input. |
| 2 | XOUT | Crystal connection (leave floating if using external clock). |
| 3 | VSS | Ground connection. |
| 4 | VDD | Power supply (2.3V - 3.6V). |
| 5 | CLKOUT | Modulated spread spectrum clock output. |
| 6 | ModOUT | Feedback or secondary output (depending on specific revision). |
| 7 | S0 | Frequency/Modulation selection bit 0. |
| 8 | S1 | Frequency/Modulation selection bit 1. |
---
### 4. Application Logic
The primary reason engineers use this part is to pass regulatory EMI tests (such as FCC or CE).
**How it works:**
Instead of a sharp, high-energy spike at a single frequency (e.g., 25 MHz), the PCS3P73U00AG-08-ST spreads that energy across a range (e.g., 24.8 MHz to 25.2 MHz). This lowers the peak decibel (dB) level of the radiation without changing the fundamental timing of the digital system.
```c
// Conceptual Logic for Frequency Modulation
// Fundamental Frequency: f
// Spread: Δf
// Resulting Spectrum: [f - Δf] to [f + Δf]
// Benefit: Peak EMI reduction of 10dB to 15dB
```
---
- ⤷
What are the specific modulation rate options for the S0 and S1 selection pins?
- ⤷ Can this part be used in automotive environments
- ⤷ or is it strictly commercial?
- ⤷ How does this compare to a standard non-spread spectrum crystal oscillator in terms of power consumption?