PCSFW104B-R47M
AI

The **PCSFW104B-R47M** is a high-current, shielded power inductor typically used in DC-DC converter applications. It belongs to a category of surface-mount (SMD) magnetic components designed for high efficiency and compact power management.
---
### 1. Part Number Deciphering
Understanding the nomenclature helps identify the physical and electrical characteristics of the component:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **PCSFW** | Series Name | High-current, shielded molded power inductor series. |
| **104B** | Case Size | Dimensions (approx. 10.0 x 11.5 x 4.0 mm). |
| **R47** | Inductance Value | **0.47 µH** (R denotes the decimal point). |
| **M** | Tolerance | **±20%** (Standard for power inductors). |
---
### 2. Key Technical Specifications
Based on the standard 104B series footprint, the typical specifications for a 0.47µH inductor are as follows:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Inductance** | 0.47 | µH |
| **DC Resistance (DCR) Max** | ~1.3 - 2.0 | mΩ |
| **Saturation Current (Isat)** | 30 - 45 | A |
| **Heating Current (Irms)** | 20 - 30 | A |
| **Operating Temperature** | -40 to +125 | °C |
---
### 3. Construction and Features
* **Molded Structure:** The coil is encapsulated in a metal iron powder composite. This construction allows for "soft saturation" characteristics, meaning the inductance doesn't drop off abruptly when current increases.
* **Magnetic Shielding:** The molded body acts as a natural shield, minimizing Electromagnetic Interference (EMI) with surrounding components on the PCB.
* **Low DCR:** It uses flat wire or heavy-gauge copper to ensure minimal power loss through heat, which is critical for high-efficiency power supplies.
---
### 4. Common Applications
This part is commonly found in high-demand electronic circuits:
* **Voltage Regulator Modules (VRM):** Used in motherboards and GPU power phases.
* **DC-DC Converters:** Buck, Boost, and Buck-Boost converters in automotive or industrial electronics.
* **Battery Powered Devices:** High-current power management systems where space is limited but power density is high.
---
### 5. Footprint (Mechanical Data)
```text
Approximate Dimensions:
Length: 11.5 mm (max)
Width: 10.0 mm (max)
Height: 4.0 mm (max)
```
- ⤷
What are the alternative part numbers from brands like Vishay or Coilcraft?
- ⤷ How does 'Soft Saturation' benefit a DC-DC converter circuit?
- ⤷ What is the recommended solder profile for this SMD component?