PCV1C331MCL1GS
AI

The part number **PCV1C331MCL1GS** refers to a high-performance **Aluminum Polymer Electrolytic Capacitor** manufactured by **Nichicon**. These capacitors are widely used in modern electronics due to their low ESR (Equivalent Series Resistance) and high reliability.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Nichicon |
| **Series** | PCV (High Reliability, Low ESR) |
| **Capacitance** | 330 µF |
| **Voltage Rating** | 16V DC |
| **Tolerance** | ±20% |
| **Temperature Range** | -55°C to +105°C |
| **ESR** | 22 mΩ (at 100kHz) |
| **Rated Ripple Current** | 3320 mA rms |
| **Package / Case** | SMD (Surface Mount Device) - Radial Can |
| **Dimensions** | 8.00mm Dia x 12.00mm Height |
---
## 2. Key Features and Advantages
* **Polymer Technology:** Unlike traditional liquid electrolyte capacitors, these use a solid conductive polymer. This prevents "drying out" and significantly extends the component's lifespan.
* **Low ESR:** The 22 mΩ resistance allows the capacitor to handle high ripple currents with minimal heat generation, improving power efficiency.
* **High Stability:** The capacitance remains stable across a wide range of temperatures and frequencies compared to standard electrolytic types.
* **Safety:** Solid polymer capacitors do not explode or leak liquid if they fail, making them safer for dense PCB designs.
---
## 3. Applications
This specific capacitor is typically found in:
1. **Motherboards and GPUs:** Used for DC-DC voltage regulation modules (VRMs).
2. **Switching Power Supplies:** Filtering output noise in high-frequency converters.
3. **Industrial Controls:** Providing long-term stability in harsh electrical environments.
4. **Telecommunications:** Ensuring clean power delivery to sensitive RF components.
---
## 4. Part Number Breakdown
Understanding the Nichicon nomenclature for this part:
| Code Segment | Meaning |
| :--- | :--- |
| **PCV** | Series name (High Reliability Polymer) |
| **1C** | Voltage Code (1C = 16 Volts) |
| **331** | Capacitance Code (33 + 1 zero = 330µF) |
| **M** | Tolerance (M = ±20%) |
| **CL** | Case size / Package code |
| **1GS** | Packaging style (Taping/Reel) |
- ⤷
What are the main differences between this polymer capacitor and a standard aluminum electrolytic capacitor?
- ⤷ Can this capacitor be used as a direct replacement for a 16V 330uF tantalum capacitor?
- ⤷ What is the expected lifetime (in hours) for the PCV series at 105°C?