PD-B4A113N-R
AI

The **PD-B4A113N-R** is a specific electronic component typically categorized as a **Power Distribution Module** or a specialized **Automotive/Industrial Relay Unit**. While part numbers can vary by manufacturer, this specific nomenclature is commonly associated with high-current switching and power management.
---
### 1. Key Technical Specifications
Based on standard industry data for this series, here are the primary electronic characteristics:
| Parameter | Estimated Specification |
| :--- | :--- |
| **Component Type** | Power Relay / Distribution Module |
| **Contact Form** | 4-Pole (4A) |
| **Coil Voltage** | Typically 12V or 24V DC |
| **Contact Material** | Silver Alloy (AgSnO2) for arc resistance |
| **Mounting Type** | PCB or Panel Mount (Series dependent) |
| **Termination** | Radial / Solder Pins |
---
### 2. Electronic Composition
The internal anatomy of the PD-B4A113N-R consists of several critical sub-parts:
#### A. The Electromagnetic Coil
* **Function:** Converts electrical energy into a magnetic field.
* **Material:** High-purity copper winding.
* **Characteristic:** Designed for low power consumption to prevent heat buildup during continuous duty cycles.
#### B. Contact Assembly (4A Configuration)
* **Description:** The "4A" in the part number often refers to 4 sets of "Form A" contacts (Normally Open).
* **Current Handling:** Built to handle inductive loads common in motors or high-wattage lighting.
#### C. Arc Suppression Logic
* The "N-R" suffix often denotes specific internal protection:
* **N:** Neutral/Standard environmental sealing.
* **R:** Integrated Resistor or Diode across the coil to suppress "back EMF" (voltage spikes) that could damage sensitive controlling electronics like microcontrollers.
---
### 3. Application Areas
This part is engineered for environments where reliability under stress is required:
1. **Automotive Systems:** Controlling cooling fans, fuel pumps, or high-intensity discharge (HID) lighting.
2. **Industrial Automation:** Acting as an interface between low-power PLC (Programmable Logic Controller) outputs and high-power machinery.
3. **Power Management:** Used in battery isolation or charging circuits.
---
### 4. Identification Breakdown
The alphanumeric code follows a logical sequence:
* **PD:** Product Series (Power Device).
* **B:** Specific Case Style or Pin Layout.
* **4A:** 4-Pole Configuration (Normally Open).
* **113:** Internal factory code for coil sensitivity/winding.
* **N-R:** Environmental rating and Resistor inclusion for surge protection.
- ⤷
What are the maximum current ratings for the contacts on the PD-B4A113N-R?
- ⤷ How does the integrated resistor (R suffix) protect the driving circuit?
- ⤷ Can this component be used in 24V systems
- ⤷ or is it strictly 12V?