Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PD30CTDR10BPM5IO

  • AI
    ### Technical Overview of PD30CTDR10BPM5IO The **PD30CTDR10BPM5IO** is a high-performance photoelectric sensor manufactured by Carlo Gavazzi. It belongs to the **PD30 series**, characterized by its miniature design and IO-Link capabilities, making it ideal for Industry 4.0 applications. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Sensor Type** | Photoelectric (Diffuse-reflective) | | **Detection Principle** | Background Suppression | | **Sensing Range** | 10 mm to 100 mm | | **Output Type** | Push-Pull (NPN/PNP compatible) | | **Communication** | IO-Link v1.1 | | **Connection** | M8, 4-pin connector | | **Housing Material** | PBT (Plastic) | | **Operating Voltage** | 10 to 30 VDC | --- ### Core Electronic Components & Features #### 1. Background Suppression (BGS) Unlike standard diffuse sensors that may be fooled by a shiny background, this part uses **PointSpot** technology. It ensures the sensor focuses strictly on the object within the 100mm range, ignoring any objects or surfaces behind the set distance. #### 2. IO-Link Integration The "IO" suffix indicates that this device is IO-Link ready. This allows for: * **Remote Configuration:** Change sensitivity and timing remotely. * **Diagnostics:** Monitor internal temperature, operating hours, and signal quality. * **Process Data:** Real-time logging of detection events. #### 3. Output Circuitry (Push-Pull) The electronic output is designed as a **Push-Pull** stage. This means it can function as either **NPN** or **PNP** depending on the wiring and configuration. It provides high immunity to electrical noise and allows for flexible integration into different PLC systems. #### 4. Protection Circuits The sensor includes integrated electronic safeguards: * **Short-circuit protection:** Prevents damage if the output is grounded. * **Reverse polarity protection:** Protects against incorrect wiring. * **Transient protection:** Shields the internal CPU from voltage spikes. --- ### Connection Diagram (M8 Connector) | Pin | Wire Color | Function | | :--- | :--- | :--- | | 1 | Brown | +VDC (10-30V) | | 2 | White | Digital Input / Output 2 | | 3 | Blue | GND (0V) | | 4 | Black | IO-Link / Digital Output 1 | --- ### Application Usage Because of its small size (miniature housing) and precise background suppression, it is electronics-ready for: * **Packaging:** Detecting small items on high-speed conveyors. * **Material Handling:** Determining the presence of parts in robotic grippers. * **PCB Assembly:** Sensing components on a circuit board without being affected by the board's color.
    ✨ Follow-up Questions
    • ⤷ How do I configure the switching distance via IO-Link?
    • ⤷ What is the difference between PointSpot and standard LED sensors?
    • ⤷ Can this sensor operate in High-Speed mode for rapid production lines?