PDA024A-1A0S-R
AI

The **PDA024A-1A0S-R** is a high-efficiency AC/DC LED driver manufactured by **Phihong**. It is specifically designed to provide a constant current output for LED lighting applications, such as commercial fixtures and architectural lighting.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 90 ~ 132 VAC (North American Standard) |
| **Output Power** | 24 Watts (Maximum) |
| **Output Current** | 1000 mA (1.0A) |
| **Output Voltage Range** | 16 ~ 24 VDC |
| **Efficiency** | > 82% at 120 VAC |
| **Power Factor** | > 0.9 |
| **IP Rating** | IP66 (Waterproof/Dustproof) |
---
### 2. Core Electronic Components & Architecture
The internal circuitry of the PDA024A-1A0S-R focuses on power conversion and protection:
#### A. Input Stage
* **EMI Filter:** Integrated capacitors and inductors to reduce electromagnetic interference and meet FCC Class B compliance.
* **Bridge Rectifier:** Converts the incoming AC voltage into a pulsating DC voltage.
* **Surge Protection:** Includes MOV (Metal Oxide Varistor) components to protect against line voltage spikes (up to 2kV).
#### B. Power Conversion (Flyback Topology)
* **PWM Controller:** A Pulse Width Modulation IC regulates the switching frequency to ensure a steady output.
* **Power MOSFET:** Handles the high-speed switching required to transform the voltage through the high-frequency transformer.
* **Isolation Transformer:** Provides 3000V AC isolation between the primary (AC input) and secondary (DC output) for safety.
#### C. Control & Output Stage
* **Constant Current Regulation:** Uses a feedback loop (typically via an optocoupler) to ensure the current stays at exactly 1000mA, regardless of fluctuations in the LED's forward voltage.
* **Electrolytic Capacitors:** High-temperature rated (105°C) components used to smooth the DC output and reduce "flicker."
---
### 3. Protection Mechanisms
The unit is engineered with several fail-safes to prevent damage to the LEDs:
1. **Short Circuit Protection (SCP):** The unit will shut down or enter "hiccup mode" if the output leads are shorted.
2. **Over Voltage Protection (OVP):** Limits the output voltage to a safe maximum if the load is disconnected.
3. **Over Temperature Protection (OTP):** Reduces output or shuts down if the internal temperature exceeds safe operating limits.
---
### 4. Physical and Environmental Features
* **Casing:** Plastic housing with fully potted electronics (filled with epoxy or silicone) to achieve the **IP66 rating**, making it suitable for damp locations.
* **Wiring:** Standard 18AWG stranded leads for both AC input and DC output.
- ⤷
What are the specific dimming capabilities of the PDA024A-1A0S-R?
- ⤷ How does the IP66 rating affect the thermal management of this LED driver?
- ⤷ What are the compatible LED load configurations for a 24V
- ⤷ 1000mA driver?