Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PDI-DBB-RVGXX

  • AI
    The **PDI-DBB-RVGXX** refers to a specific series of high-performance **Differential Pressure Transmitters** manufactured by Precision Digital or similar industrial instrumentation providers. These devices are designed to measure the pressure difference between two points and convert it into a standard electronic signal. --- ### 1. Core Electronic Components The internal electronics of the PDI-DBB-RVGXX are designed for high accuracy and industrial durability. | Component | Description | Function | | :--- | :--- | :--- | | **Piezoresistive Sensor** | Silicon-based strain gauge | Converts physical pressure displacement into a low-voltage electrical signal. | | **ASIC Processor** | Application-Specific Integrated Circuit | Performs signal conditioning, linearizes the raw data, and compensates for temperature drift. | | **A/D Converter** | Analog-to-Digital Converter | Converts the continuous sensor voltage into discrete digital values for processing. | | **D/A Converter** | Digital-to-Analog Converter | Converts processed data back to a 4-20 mA current loop for long-distance transmission. | | **TVS Diodes** | Transient Voltage Suppressors | Protects the internal circuitry from voltage spikes and electromagnetic interference (EMI). | --- ### 2. Technical Specifications (Electronic) The "RVGXX" suffix usually denotes specific configuration options such as range, output type, and electrical connections. * **Supply Voltage:** Typically **12-36 VDC** (Loop powered). * **Output Signal:** **4-20 mA** (2-wire system) or **0-10V / 1-5V** (3-wire system). * **Protocol Support:** Many models include **HART (Highway Addressable Remote Transducer)** protocol for digital communication over the analog loop. * **Accuracy:** Generally ranging from **±0.075% to ±0.25%** of the calibrated span. * **Electrical Connection:** Standard **1/2" NPT** conduit entry or **M20** connectors. --- ### 3. Circuit Block Diagram (Simplified) The electronic flow within the unit follows this logic: ```mermaid graph LR A[Pressure Input] --> B[Sensor Bridge] B --> C[Amplifier/Filter] C --> D[Microprocessor] D --> E[Current Loop Output 4-20mA] D --> F[Digital Display/LCD] ``` --- ### 4. Installation and Wiring Precautions When handling the electronic parts of this device, observe the following: 1. **Polarity:** Ensure the `+` and `-` terminals are correctly matched to the power supply to avoid blowing the internal protection fuse. 2. **Shielding:** Use shielded twisted-pair cables to prevent electronic noise from affecting the measurement accuracy. 3. **Grounding:** The internal ground screw should be connected to a clean earth ground to dissipate static and surge energy.
    ✨ Follow-up Questions
    • ⤷ What are the specific pressure ranges available for the RVGXX series?
    • ⤷ How do I calibrate the zero and span settings on this model?
    • ⤷ Does the PDI-DBB-RVGXX support wireless communication modules?