PDU-BM2R-R/Q
AI

The **PDU-BM2R-R/Q** is a high-performance Power Distribution Unit (PDU) component, typically designed for industrial or data center power management systems. It serves as a monitoring and distribution module within a larger rack-mounted power assembly.
---
### 1. Core Electronic Components
The internal architecture of the PDU-BM2R series revolves around sensing, processing, and communication.
| Component Category | Key Parts | Function |
|:---|:---|:---|
| **Microcontroller (MCU)** | ARM-based or 8051-core processor | Manages logic, calculations, and data packet routing. |
| **Current Sensors** | Hall Effect Sensors or Shunts | Measures real-time amperage (A) flowing through the busbar. |
| **Voltage Dividers** | Precision Resistor Networks | Steps down high voltage to measurable levels for the ADC. |
| **Relays/Contactors** | Electromagnetic or Solid State | Allows for remote switching (turning outlets ON/OFF). |
| **Communication ICs** | RS485 Transceivers / Ethernet Controller | Facilitates SNMP, Modbus, or HTTP communication protocols. |
---
### 2. Functional Modules
The electronic design is divided into several specialized blocks:
#### A. Power Supply Unit (PSU)
The PDU-BM2R contains an internal **AC-to-DC converter**. This steps down the incoming line voltage (usually 110V-240V) to low-voltage DC (5V or 3.3V) to power the internal logic circuits and the LCD display.
#### B. Measurement Engine
This is a dedicated IC (Integrated Circuit) responsible for calculating **True RMS** values. It tracks:
* Voltage (V)
* Current (A)
* Power Factor (PF)
* Active Power (W)
* Energy Consumption (kWh)
#### C. Control Interface
The "R/Q" variant typically includes:
* **RJ45 Port:** For network-based management.
* **RS485/Serial Port:** For daisy-chaining multiple PDU units.
* **OLED/LCD Display:** Provides local visibility of load status.
---
### 3. Safety & Protection Features
The electronics are protected by several layers of hardware:
* **Varistors (MOV):** Protects the internal sensitive electronics from voltage surges.
* **Fuses:** Dedicated internal fuses for the logic board to prevent fire in case of a component failure.
* **Isolation Transformers:** Provides galvanic isolation between the high-power lines and the low-power communication ports.
---
### 4. Technical Specifications (General Range)
* **Input Voltage:** 100-240V AC.
* **Current Rating:** 16A to 32A (depending on the specific sub-model configuration).
* **Measurement Accuracy:** Typically Class 1 (±1% error).
* **Mounting:** 1U or 0U Rack configuration.
- ⤷
What is the difference between the R and Q versions in this PDU series?
- ⤷ How do you configure the SNMP settings for remote monitoring?
- ⤷ Does this PDU support individual outlet switching or only total load monitoring?