PDUMH15NET2LX
AI

The **Tripp Lite PDUMH15NET2LX** is a 1.44kW Single-Phase Switched PDU (Power Distribution Unit) designed for network-grade power management. Below is an explanation of its key electronic components and technical specifications.
---
## 1. Core Technical Specifications
The electrical foundation of the unit determines its capacity and compatibility with server room environments.
| Feature | Specification |
|:---|:---|
| **Voltage Compatibility** | 100V, 120V AC |
| **Amperage** | 15A (Agency de-rated to 12A continuous) |
| **Frequency** | 50/60 Hz |
| **Plug Type** | NEMA 5-15P |
| **Outlets** | 8 x NEMA 5-15R |
| **Form Factor** | 1U Rackmount |
---
## 2. Key Electronic Components
### A. LX Platform Network Interface
The "LX" in the model name refers to the built-in **HTML5-based network interface**.
* **Microcontroller:** Runs a Linux-based OS for secure remote access.
* **Java-Free Interface:** Unlike older models, this uses modern web standards, eliminating the need for Java plug-ins.
* **SNMP Support:** Allows integration with Network Management Systems (NMS) for automated monitoring.
### B. Individual Outlet Switching
Each of the 8 NEMA 5-15R outlets is equipped with an internal **electromagnetic relay**.
* **Function:** Allows users to turn individual outlets on or off remotely.
* **Use Case:** Rebooting locked-up servers or power-cycling equipment without physical access to the data center.
### C. Digital Load Meter
The front panel features a 2-digit LED display connected to internal **current sensors**.
* **Real-time Monitoring:** Displays the total amperage being drawn by all connected equipment.
* **Threshold Alerts:** The electronics can trigger SNMP traps or email alerts if the current exceeds a pre-set threshold, preventing circuit breaker trips.
### D. Environmental Sensor Port
The unit includes an **RJ45 communication port** designed for the EnviroSense2 (E2) series of probes.
* **Functionality:** Allows the PDU to monitor ambient temperature, humidity, and dry-contact closures (like door sensors).
---
## 3. Circuit Protection & Safety
* **Circuit Breaker:** A physical 15A breaker protects the internal circuitry and connected loads from overcurrent conditions.
* **EMI/RFI Filtering:** Internal capacitors and inductors filter out electromagnetic and radio frequency interference that could disrupt sensitive server electronics.
* **Grounding Lug:** A dedicated chassis screw for supplemental grounding to the server rack.
---
## 4. Operational Logic
1. **Input:** AC power enters via the NEMA 5-15P cord.
2. **Processing:** The LX Platform logic board monitors the current flow and network commands.
3. **Output:** Power is distributed to the 8 outlets; the state of each (Open/Closed) is dictated by the onboard relays.
4. **Feedback:** Status data is sent via the Ethernet port to the administrator.
- ⤷
How do I reset the LX Platform network interface without losing power to the outlets?
- ⤷ Can this PDU be used with 208V or 240V power sources?
- ⤷ What is the maximum number of EnviroSense2 modules that can be daisy-chained to this unit?