Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PE-RJ45

  • AI
    An **RJ45 Integrated Connector Module (ICM)**, often referred to by manufacturers like Pulse Electronics (PE) as a **PE-RJ45**, is more than just a plastic socket. It combines a standard mechanical RJ45 interface with internal isolation and signal conditioning electronics. Below is an explanation of the internal electronic components and their functions. --- ### 1. Internal Electronic Components When you look at the "magnetics" inside a PE-RJ45, you are seeing a combination of several passive components: | Component | Function | | :--- | :--- | | **Isolation Transformer** | Provides 1500V isolation between the Ethernet cable and the PHY chip to protect against surges. | | **Common Mode Choke (CMC)** | Filters out electromagnetic interference (EMI) and noise common to both wires in a differential pair. | | **Bob Smith Termination** | A network of resistors and a high-voltage capacitor used to reduce common-mode emissions. | | **LEDs (Optional)** | Built-in Green/Yellow diodes to indicate Link status and Activity. | | **Decoupling Capacitors** | Shunt high-frequency noise to the chassis ground. | --- ### 2. Schematic Layout The typical signal path inside the connector follows this flow: 1. **PHY Side:** The pins connect to the Ethernet Physical Layer chip on your PCB. 2. **Transformers:** The signal passes through a 1:1 (usually) transformer. This provides galvanic isolation. 3. **Common Mode Chokes:** These suppress noise generated by the long Ethernet cable acting as an antenna. 4. **Cable Side:** The signal reaches the 8 pins that interface with the Cat5e/Cat6 cable. ```mermaid graph LR A[PHY Chip] --- B[Isolation Transformer] B --- C[Common Mode Choke] C --- D[RJ45 Pins/Cable] E[Chassis Ground] --- F[High Voltage Cap] F --- B ``` --- ### 3. Key Specifications for Selection When choosing a Pulse Electronics RJ45 module, the following electronic specs are critical: * **Transmission Speed:** Rated for 10/100 Base-TX, 1000 Base-T (Gigabit), or 10G. * **Number of Cores:** Higher speed connectors (Gigabit) require 4 transformer channels, while 10/100 only requires 2. * **PoE Capability:** Some models (Power over Ethernet) are designed to carry DC current (up to 30W-90W) to power the connected device. * **Operating Temperature:** Standard (0°C to 70°C) or Industrial (-40°C to +85°C). * **Tab Direction:** Physical orientation (Tab-Up or Tab-Down) affects PCB layout. --- ### 4. Why use an Integrated RJ45 (ICM)? Using an integrated part like the PE series instead of discrete components offers several advantages: 1. **Space Saving:** Consolidates 10-15 discrete components into a single footprint. 2. **EMI Performance:** The metal shielding is pre-designed to wrap around the magnetics, providing better noise suppression. 3. **Reliability:** Reduced solder points on the PCB and factory-tested magnetic performance.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Tab-Up and Tab-Down RJ45 connectors?
    • ⤷ How does the Bob Smith termination work to reduce EMI?
    • ⤷ Can I use a 10/100 RJ45 connector for a Gigabit Ethernet application?