Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PECO2-X-2409E21LF

  • AI
    The **PECO2-X-2409E21LF** is a high-efficiency, industrial-grade DC-DC converter module, typically utilized in telecommunications, industrial automation, and distributed power architectures. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Input Voltage Range** | 18V to 36V DC (Nominal 24V) | | **Output Voltage** | 9V DC | | **Output Current** | 2.1A (Approximate, based on model suffix) | | **Isolation Voltage** | 1500V DC (Standard Input-to-Output) | | **Efficiency** | Up to 88-91% | | **Package Type** | DIP (Dual In-line Package) or SMT | | **RoHS Status** | Lead-Free (LF Designation) | --- ### 2. Internal Electronic Architecture The module is a complex assembly of several core electronic stages: 1. **Input Filter Stage**: Consists of high-frequency ceramic capacitors and inductors (Pi-filter) to minimize electromagnetic interference (EMI) and reflected ripple current. 2. **Switching Controller (PWM)**: The "brain" of the unit. It modulates the duty cycle of the internal MOSFETs to maintain a steady 9V output regardless of input fluctuations. 3. **Power MOSFETs**: High-speed semiconductor switches that convert the DC input into a high-frequency AC signal for transformer coupling. 4. **Isolation Transformer**: A miniature ferrite-core transformer that provides the galvanic isolation (1500V) between the primary and secondary circuits. 5. **Synchronous Rectification**: Uses MOSFETs instead of standard diodes on the output side to reduce heat dissipation and increase efficiency. 6. **Control Loop / Optocoupler**: Provides feedback from the 9V output back to the primary controller while maintaining electrical isolation. --- ### 3. Component Suffix Decoding The model number breakdown provides specific information about its build: * **PECO2**: Product Series (Power Electronic Converter). * **24**: Nominal Input Voltage (24V). * **09**: Nominal Output Voltage (9V). * **E21**: Specific power rating or revision code (2.1A / 21 Watts). * **LF**: Lead-Free (Compliant with environmental regulations). --- ### 4. Protection Features The internal circuitry is equipped with active protection mechanisms: * **OVP (Over Voltage Protection)**: Clamps the output if the internal feedback loop fails. * **OCP (Over Current Protection)**: Enters "hiccup mode" if the load exceeds 2.1A to prevent melting. * **OTP (Over Temperature Protection)**: Shuts down the module if internal temperatures exceed safe operating limits (usually +85°C to +105°C).
    ✨ Follow-up Questions
    • ⤷ What are the recommended thermal management practices for this module?
    • ⤷ Can this converter be used in parallel with another unit for higher current?
    • ⤷ What is the typical ripple and noise specification for the 9V output?