PECO2-X-2409Z21LF
AI

The **PECO2-X-2409Z21LF** is a high-performance **DC-DC Converter** manufactured by PEAK Electronics. It belongs to a series of regulated converters designed for industrial applications requiring isolation and wide input voltage ranges.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Input Voltage Range** | 18V – 36V DC | 24V Nominal (2:1 Input Range) |
| **Output Voltage** | 9V DC | Regulated output |
| **Output Current** | 222 mA | Maximum load capacity |
| **Power Rating** | 2 Watts | Total output power |
| **Isolation Voltage** | 3000V DC | High galvanic isolation |
| **Package Type** | DIP8 / SIP8 | Standard through-hole mounting |
| **Efficiency** | ~80% | Energy conversion efficiency |
---
## 2. Key Internal Electronic Features
### A. Regulated Output
Unlike "unregulated" converters where the output voltage fluctuates based on the input, this part features internal feedback circuitry. It maintains a stable **9V output** even if the input drifts between 18V and 36V.
### B. Galvanic Isolation
With a **3kV DC isolation** rating, the component uses an internal transformer to separate the input circuit from the output circuit. This protects sensitive downstream components from high-voltage surges or ground loops.
### C. Protection Circuitry
The device typically includes:
* **Short Circuit Protection (SCP):** Continuous protection with auto-recovery.
* **Filter Requirements:** Includes internal capacitors, though an external input capacitor (typically 100uF) is often recommended to reduce EMI.
---
## 3. Pin Configuration (Typical DIP8)
*Note: Always verify with the manufacturer datasheet before PCB layout.*
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | -Vin | Negative Input Voltage |
| 2 | +Vin | Positive Input Voltage |
| 3 | +Vout | Positive Output Voltage |
| 4 | -Vout | Negative Output Voltage |
---
## 4. Common Applications
* **Industrial Controls:** Powering sensors that require a stable 9V rail from a 24V industrial bus.
* **Data Acquisition:** Providing isolated power to ADC/DAC components to reduce noise.
* **Telecommunications:** Used in distributed power architectures.
- ⤷
What are the recommended external capacitors for noise reduction in this specific model?
- ⤷ Is there a surface-mount (SMD) equivalent for the PECO2-X series?
- ⤷ How does the efficiency curve change at low load conditions for this converter?