Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PHA200-F200-R3

  • AI
    The **PHA200-F200-R3** is a specialized high-precision **Positioning System** (often referred to as a vision-based hole detection sensor) developed by Pepperl+Fuchs. It is primarily used for fine positioning in automated storage and retrieval systems (ASRS) and material handling. --- ### 1. Core Electronic Specifications The electronic architecture is designed for industrial environments, emphasizing high-speed data processing and noise immunity. | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 24 V DC (+/- 15%) | | **Power Consumption** | Max. 5 W | | **Light Source** | Integrated LED (Red), 630 nm | | **Sensor Type** | CMOS Global Shutter (Vision-based) | | **Interface** | RS-232 / Ethernet (depending on specific sub-model) | | **Output Type** | PNP or Push-Pull (Short-circuit protected) | --- ### 2. Key Electronic Components #### A. Imaging Sensor (CMOS) Unlike a standard photo-eye, this device uses a **CMOS area sensor**. It captures images of circular holes or circular markers. The electronics include an integrated Digital Signal Processor (DSP) that calculates the X and Y deviation from the center of the hole in real-time. #### B. Integrated Lighting Unit The front face contains an integrated LED ring. This ensures consistent illumination of the target hole, reducing the electronic "noise" caused by ambient light changes in warehouses. #### C. Control Interface & I/O The unit features standard M12 industrial connectors. * **Input:** Trigger signals to initiate a capture cycle. * **Output:** Discrete switching outputs that indicate "Position OK" or "Error." * **Data Port:** Sends precise coordinate offsets (X, Y) and Z-distance data to the PLC. --- ### 3. Functional Electronics Block Diagram 1. **Optical Input:** Reflected light from the target enters the lens. 2. **Conversion:** CMOS sensor converts light into electronic pixel data. 3. **Processing:** Internal microprocessor applies edge-detection algorithms to locate the circular hole. 4. **Correction:** The unit compensates for tilt and distance (Z-axis) electronically. 5. **Data Output:** The final delta values are sent via the industrial bus or serial interface to the motor controller. --- ### 4. Environmental Protection The electronic housing is built to **IP67** standards, meaning the internal circuitry is fully protected against dust and temporary immersion in water, which is critical for longevity in large-scale logistics centers.
    ✨ Follow-up Questions
    • ⤷ What are the communication protocols supported by the PHA200 series?
    • ⤷ How does the 'Auto-Focus' feature work in this specific model?
    • ⤷ What is the maximum detection range for the R3 variant?