Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PHA300-F200-R3

  • AI
    The **PHA300-F200-R3** is a high-precision electronic positioning system developed by Pepperl+Fuchs. It is specifically designed for the fine positioning of high-bay warehousing systems (stacker cranes). --- ### 1. Technical Specifications The device functions as a specialized vision sensor that detects circular holes in racking systems to ensure precise alignment. | Component | Specification | | :--- | :--- | | **Operating Voltage** | 24 V DC (+/- 20%) | | **Light Source** | 8x Infrared LEDs (880 nm) | | **Interface Type** | RS 232 / RS 422 | | **Digital Inputs** | 1 (Trigger input) | | **Digital Outputs** | 3 (PNP, short-circuit protected) | | **Capture Range** | 150 mm to 250 mm (nominal 200 mm) | | **Resolution** | 0.1 mm | --- ### 2. Core Electronic Subsystems #### A. Optical Sensing Unit The "eye" of the device consists of an integrated CMOS camera sensor. Unlike standard cameras, it features a built-in **Infrared (IR) flash**. This allows the device to operate in complete darkness (common in automated warehouses) and remain immune to ambient visible light interference. #### B. Processing Electronics (DSP) Inside the housing, a high-speed Digital Signal Processor (DSP) analyzes the captured frames. It identifies the "centroid" of a target hole. - It calculates the **X and Y offset** relative to the center of the sensor's field of view. - It filters out visual noise (reflections from metal racking) using software algorithms. #### C. Input/Output (I/O) Stage The electronic interface connects the sensor to the PLC (Programmable Logic Controller): - **Serial Communication:** Sends precise coordinate data via RS 232 or RS 422. - **Switching Outputs:** Provides "In-Position" signals via PNP transistors, allowing for immediate mechanical braking without waiting for serial data processing. --- ### 3. Connection Pinout (M12 Connector) The device typically uses an 8-pin M12 industrial connector. The primary electronic connections are: 1. **Power:** +24V and 0V (GND). 2. **Data lines:** TX/RX for serial communication. 3. **Trigger:** An input signal to start the image capture cycle. 4. **Status Outputs:** Out 1, Out 2, and Out 3 (typically assigned to "Object detected," "In tolerance," and "Error"). --- ### 4. Key Electronic Features * **Automatic Exposure Control:** The electronics automatically adjust the brightness of the IR LEDs based on the distance and reflectivity of the metal surface. * **Galvanic Isolation:** Internal circuits are protected against voltage spikes common in large industrial motors (like those used in stacker cranes). * **IP67 Protection:** The electronic assembly is sealed against dust and moisture.
    ✨ Follow-up Questions
    • ⤷ How do I configure the RS 232 communication parameters for this sensor?
    • ⤷ What is the maximum travel speed of the crane while maintaining tracking accuracy?
    • ⤷ What are the common error codes indicated by the onboard LED diagnostics?