Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PHSH-C1SSLASHE

  • AI
    Based on the technical designation, the **PHSH-C1SSLASHE** appears to be a specialized high-density electrical connector or part of a modular terminal housing system, likely within the automotive or industrial sensor interfacing sectors (often associated with brands like TE Connectivity or Sumitomo). Below is a breakdown of the typical electronic components and characteristics associated with this part type. ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Modular Housing / Electrical Connector | | **Contact Material** | Copper Alloy (Silver or Tin plated) | | **Housing Material** | PBT (Polybutylene Terephthalate) or PA66 | | **Voltage Rating** | 12V - 48V DC (Typical Automotive Range) | | **Seal Type** | Silicone Rubber (S-Type sealing) | | **Flammability Rating** | UL94V-0 | --- ### 2. Key Electronic & Mechanical Parts #### A. The Housing (PBT/PA66) The outer shell is designed for high thermal stability. In electronic systems, this part provides the mechanical alignment for the pins and protects against "Creepage" (electricity tracking across the surface). #### B. The Terminal Pins (C1S Designation) The "C1S" often refers to the terminal series. These are the conductive elements that facilitate the flow of current. * **Low Resistance:** Designed to minimize voltage drop. * **Vibration Resistance:** Crucial for industrial electronics to prevent intermittent signals. #### C. Environmental Seals (LASHE/S-Type) The "LASHE" suffix often indicates a specific environmental sealing grade. * **IP Rating:** Usually IP67 or IP69K. * **Function:** Prevents moisture, oil, and dust from reaching the electronic contact points, which would otherwise cause oxidation or short circuits. --- ### 3. Application Use Cases 1. **Automotive ECU Interfacing:** Connecting sensors to the main Engine Control Unit. 2. **Industrial Automation:** Used in PLC (Programmable Logic Controller) modules. 3. **Signal Transmission:** Handling low-current data signals in noisy electromagnetic environments. --- ### 4. Safety and Compliance * **RoHS Compliant:** Free from lead, mercury, and cadmium. * **REACH:** Complies with chemical safety regulations for electronic components.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the PHSH-C1SSLASHE variant?
    • ⤷ Is this connector compatible with gold-plated terminal inserts?
    • ⤷ What is the maximum operating temperature for the housing material?