Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PHSL-C2SSLASHQ

  • AI
    The model **PHSL-C2SSLASHQ** refers to a high-speed, high-density optical transceiver component, typically categorized within the **QSFP28** (Quad Small Form-factor Pluggable 28) family. These parts are critical for data center networking and high-performance computing. --- ### 1. Component Specification Overview The PHSL-C2SSLASHQ is designed for short-reach fiber optic communication. Below are the primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Form Factor** | QSFP28 | | **Data Rate** | 100 Gbps (4 x 25Gbps lanes) | | **Wavelength** | 850 nm | | **Media Type** | Multi-mode Fiber (MMF) | | **Connector Type** | MPO/MTP-12 | | **Max Distance** | 70m (OM3) / 100m (OM4) | | **Power Consumption** | Typical < 2.5W | --- ### 2. Internal Electronic Architecture The "Electronic Parts" of this transceiver consist of several integrated sub-systems that handle signal integrity and conversion: #### A. The Optical Engines * **VCSEL Drivers:** These integrated circuits (ICs) drive the **Vertical-Cavity Surface-Emitting Lasers**. They convert high-speed electrical differential signals into current pulses to light the lasers. * **TIA (Trans-Impedance Amplifiers):** Located on the receiving side, these convert the current from the photodiodes back into a voltage signal while minimizing noise. #### B. Digital Signal Processing (DSP) / Retimers * The module contains **Clock and Data Recovery (CDR)** circuits. * Because 100G signals degrade quickly over copper traces on a PCB, the internal CDR cleans up the "jitter" (timing errors) before the signal is converted to light or sent back to the host switch. #### C. EEPROM and Management Interface * An internal memory chip stores the **Serial ID** (Vendor name, part number, serial number). * It supports **DOM (Digital Optical Monitoring)**, allowing the system to monitor real-time temperature, voltage, and laser power via an I2C interface. --- ### 3. Pinout and Interface The electronic interface consists of a 38-pin edge connector. Key pin groups include: * **TX1-4 (+/-):** Four differential pairs for transmitting data. * **RX1-4 (+/-):** Four differential pairs for receiving data. * **SCL/SDA:** Two-wire serial interface for management. * **VCC:** Power supply (typically 3.3V). * **ModSelL / ResetL:** Control pins for module selection and hardware resets. --- ### 4. Application Context These parts are most commonly found in: 1. **Top-of-Rack (ToR) Switches:** Connecting servers to the main switch. 2. **Core Routers:** High-bandwidth backbone links. 3. **Enterprise Storage:** SAN (Storage Area Networks) requiring 100G speeds. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between SR4 and LR4 transceiver types?
    • ⤷ How does Digital Optical Monitoring (DOM) help in network troubleshooting?
    • ⤷ Which fiber cable type is required for a 100m reach with this module?