PI2DPX2020
AI

## Overview of the PI2DPX2020
The **PI2DPX2020** is a high-performance, multi-protocol linear redriver developed by Diodes Incorporated. It is specifically designed for high-speed serial connectivity, supporting **DisplayPort 2.0/2.1** and **USB 3.2** standards. It is primarily used to maintain signal integrity over longer PCB traces or cables.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Channels** | 4-Lane Differential |
| **Data Rate** | Up to 20Gbps per lane (UHBR20) |
| **Protocols** | DP 2.0, DP 1.4, USB 3.2 Gen 1/Gen 2 |
| **Supply Voltage** | 3.3V |
| **Package** | 32-pin TQFN (3mm x 6mm) |
| **Control Interface** | I2C or Pin-strapping |
---
### Core Electronic Components & Architecture
The PI2DPX2020 functions as a **Linear Redriver**. Unlike a Retimer (which recovers the clock), a Redriver uses analog components to boost the signal.
#### 1. Continuous Time Linear Equalizer (CTLE)
* **Function:** Compensates for Inter-Symbol Interference (ISI) caused by PCB traces.
* **Mechanism:** It provides programmable high-frequency gain to counteract the natural low-pass filter effect of copper traces.
#### 2. Flat Gain Control
* **Function:** Adjusts the overall DC gain of the signal.
* **Purpose:** Ensures the signal amplitude remains within the required eye-diagram specifications for the receiver.
#### 3. Output Linearity
* Because it is a **linear** redriver, it preserves the signal characteristics (like pre-emphasis) coming from the source. This is critical for Link Training between a GPU and a Monitor.
#### 4. Detection & Power Management
* **Receiver Detection:** Automatically detects if a termination is present at the far end.
* **Power States:** Includes Deep Sleep modes to reduce power consumption when the link is inactive.
---
### Typical Application Diagram
In a standard laptop or motherboard design, the PI2DPX2020 is placed between the SoC (System on Chip) and the USB-C connector.
```mermaid
graph LR
A[SoC / GPU] -- High Loss Trace --> B{PI2DPX2020}
B -- Clean Signal --> C[USB-C / DP Port]
B -.-> D[I2C Controller]
```
### Advantages of using PI2DPX2020
1. **Low Latency:** As a non-retiming device, it introduces negligible delay to the data stream.
2. **Protocol Transparent:** It does not care about the data packets, only the electrical signal levels.
3. **Flexibility:** Supports DisplayPort Alt Mode, which allows both USB and DisplayPort data to travel over a single USB-C cable.
---
- ⤷
What is the difference between the PI2DPX2020 and a standard Retimer chip?
- ⤷ Can the PI2DPX2020 be used for HDMI signal redriving?
- ⤷ How do you configure the EQ settings on this chip via I2C?